Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS1732A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1732A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1732A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1732A Datasheet HTML 1Page - Vectron International, Inc TFS1732A Datasheet HTML 2Page - Vectron International, Inc TFS1732A Datasheet HTML 3Page - Vectron International, Inc TFS1732A Datasheet HTML 4Page - Vectron International, Inc TFS1732A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 1732a.doc
Version 2.1
12.03.2012
Vectron International
Filter specification
TFS 1732A
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS1732A is the maximum attenuation in the pass band. The maximum attenuation in the pass
band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1732.5MHz without any tolerance or limit. The values of relative attenuation arel
are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production
tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
2
dB
max.
3.0
dB
Nominal frequency
fN
1732.5
MHz
Passband
PB
fN
±
22.5
MHz
Pass band variation
1
dB
max.
2
dB
Relative attenuation
arel
1650
MHz
...
1670 MHz
30
dB
min.
25
dB
1670
MHz
1690 MHz
15
dB
min.
5
dB
1775
MHz
1795 MHz
16
dB
min.
5
dB
1795
MHz
...
1815 MHz
32
dB
min.
25
dB
Return loss within PB
11
min.
9
dB
Input power level
-
max.
10
dBm
Operating temperature range
OTR
-
- 40 °C ... + 85 °C
Storage temperature range
-
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf *
-40
ppm/K
-
*) ∆f(Hz) = TCf(ppm/K) x (T-T0) x fTo(MHz)
Generated:
Checked / Approved:


Similar Part No. - TFS1732A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS173A VECTRON-TFS173A Datasheet
74Kb / 5P
   Filter Specification
More results

Similar Description - TFS1732A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com