Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS715xx-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS715xx-Q1
Description  Supply Current Low-Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715xx-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS715xx-Q1 Datasheet HTML 3Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 4Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 5Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 6Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 7Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 8Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 9Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 10Page - Texas Instruments TPS715xx-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
_
+
Current
Sense
LeakageNull
ControlCircuit
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
V
=1.205V
ref
_
+
Current
Sense
LeakageNull
ControlCircuit
R1
R2
V(IN)
GND
V(OUT)
ILIM
Bandgap
Reference
V
=1.205V
ref
FB
7
TPS71501-Q1, TPS71525-Q1, TPS71530-Q1, TPS71533-Q1, TPS71550-Q1
www.ti.com
SGLS272H – OCTOBER 2004 – REVISED DECEMBER 2015
Product Folder Links: TPS71501-Q1 TPS71525-Q1 TPS71530-Q1 TPS71533-Q1 TPS71550-Q1
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS715xx-Q1 series of low-dropout (LDO) voltage regulators offer the benefits of high input voltage, LDO
voltage, low-power operation, and miniaturized packaging. The devices, which operate over an input range of
2.5 V to 24 V, are stable with any capacitor (> 0.47 µF). The LDO voltage and low quiescent current allow
operations at extremely low power levels. Therefore, the devices are ideal for powering battery-management ICs.
Specifically, since the devices are enabled as soon as the applied voltage reaches the minimum input voltage,
the output is quickly available to power continuously operating battery-charging ICs.
7.2 Functional Block Diagram
Figure 13. Functional Block Diagram—Adjustable Version
Figure 14. Functional Block Diagram—Fixed Version
7.3 Feature Description
7.3.1 Regulator Protection
The TPS715xx-Q1 PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (for example, during power down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting
might be appropriate.


Similar Part No. - TPS715xx-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX-Q1 TI-TPS715XX-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
More results

Similar Description - TPS715xx-Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com