Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1117DTX-3.3 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM1117DTX-3.3
Description  800-mA Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117DTX-3.3 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM1117DTX-3.3 Datasheet HTML 23Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 24Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 25Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 26Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 27Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 28Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 29Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 30Page - Texas Instruments LM1117DTX-3.3 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM1117DTX-1.8/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-2.5/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-3.3/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-5.0/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117DTX-ADJ/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117IDTX-3.3/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117IDTX-5.0/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117IDTX-ADJ/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM1117ILD-ADJ/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM1117IMP-3.3/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMP-5.0/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMP-ADJ/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-3.3/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-5.0/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117IMPX-ADJ/NOPB SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM1117LD-1.8/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM1117LD-2.5/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
LM1117LD-3.3/NOPB
WSON
NGN
8
1000
178.0
12.4
4.3
4.3
1.3
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Feb-2016
Pack Materials-Page 1


Similar Part No. - LM1117DTX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117DTX-3.3 NSC-LM1117DTX-3.3 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117DTX-3.3 NSC-LM1117DTX-3.3 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117DTX-3.3 TI1-LM1117DTX-3.3 Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DTX-3.3/NOPB TI1-LM1117DTX-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DTX-3.3/NOPB TI1-LM1117DTX-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117DTX-3.3

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com