Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8365BALMFX45 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM8365BALMFX45
Description  Micropower Undervoltage-Sensing Circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8365BALMFX45 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM8365BALMFX45 Datasheet HTML 7Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 8Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 9Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 10Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 11Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 12Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 13Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 14Page - Texas Instruments LM8365BALMFX45 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
GND
GND
VIN
VCC
PP
INPUT
RESET
RESET
* 470k:
CD
CD
* REQUIRED FOR OPEN DRAIN OUTPUT
11
LM8365
www.ti.com
SNVS233C – MARCH 2003 – REVISED DECEMBER 2015
Product Folder Links: LM8365
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM8365 is a supervisor that is ideal for use in battery powered microprocessor based systems. With an
external delay capacitor, CD, a time delay can be accurately programmed to allow for use in many types of
applications. The LM8365 can ensure system reliability and ensures that a connected microprocessor will
operate only when a minimum VIN supply is satisfied.
8.2 Typical Application
The LM8365 can be used as a simple supervisor circuit to monitor the input supply to a microprocessor as
shown in Figure 14.
Figure 14. Microprocessor Reset Circuit
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Supply voltage range
1 V to 6 V
Reset Output voltage, high
Input Supply
Reset Output voltage, low
0 V
Output Time delay, CD = 0.1 μF
130 ms
Output Time delay, CD = 1 μF
1.2 s


Similar Part No. - LM8365BALMFX45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8365BALMFX45 NSC-LM8365BALMFX45 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
More results

Similar Description - LM8365BALMFX45

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com