Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8365BALMFX27 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM8365BALMFX27
Description  Micropower Undervoltage-Sensing Circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8365BALMFX27 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM8365BALMFX27 Datasheet HTML 5Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 6Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 7Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 8Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 9Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 10Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 11Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 12Page - Texas Instruments LM8365BALMFX27 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
INPUT
+
RESET
-
VREF
RD
CD
GND
9
LM8365
www.ti.com
SNVS233C – MARCH 2003 – REVISED DECEMBER 2015
Product Folder Links: LM8365
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM8365 ultra-low current voltage detector was designed to monitor voltages and to provide an indication
when the monitored voltage, VIN, dropped below a precisely trimmed threshold voltage. The voltage detector of
the LM8365 drives a time delay generator that may be programmed for fixed lengths of time depending on the
application needs. This characteristic is displayed in the typical operating timing diagram in Figure 1.
7.2 Functional Block Diagram
Figure 13. Open-Drain Output
7.3 Feature Description
VIN is the voltage that is being monitored and as it decreases passed the precisely trimmed threshold VDET−, the
Active Low RESET output drops to a Logic Low state and the CD pin drops to 0 V. During this state the external
capacitor connected to the CD pin is immediately discharged by an internal N-Channel MOSFET. When VIN
increases above the threshold VDET+ (VDET− + VHYS) the capacitor connected to the CD pin starts to charge up to
VIN through an internal pullup resistor RD. Once the capacitor has charged up past the internal Delay Pin
Threshold, which is typically 0.675 VIN, the RESET output will revert back to it's original state. The LM8365 have
built-in hysteresis to help prevent erratic reset operation when the input voltage crosses the threshold.
The LM8365 has a wide variety of applications that can take advantage of its precision and low current
consumption to monitor Input voltages even though it was designed as a reset controller in portable
microprocessor based systems. It is a very cost-effective and space-saving device that will protect your more
expensive investments of microprocessors and other devices that need a specified supply voltage and time delay
for proper operation.
The propagation delay time for the LM8365 is measured using a 470-k
Ω pullup resistor connected to from the
RESET output pin to 5 V in addition to a 10-pF capacitive load connected from the same pin to GND. Figure 2
shows the timing diagram for the measurement for the propagation delay. VDET+ is equal to the sum of the
detector threshold, VDET−, and the built in hysteresis, VHYS. tD1 is the propagation time from High-to-Low and tD2 is
the propagation from Low-to-High.


Similar Part No. - LM8365BALMFX27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8365BALMFX27 NSC-LM8365BALMFX27 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
More results

Similar Description - LM8365BALMFX27

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com