Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3444 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3444
Description  AC-DC Offline LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3444 Datasheet HTML 2Page - Texas Instruments LM3444 Datasheet HTML 3Page - Texas Instruments LM3444 Datasheet HTML 4Page - Texas Instruments LM3444 Datasheet HTML 5Page - Texas Instruments LM3444 Datasheet HTML 6Page - Texas Instruments LM3444 Datasheet HTML 7Page - Texas Instruments LM3444 Datasheet HTML 8Page - Texas Instruments LM3444 Datasheet HTML 9Page - Texas Instruments LM3444 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
-50 -30 -10 10 30 50 70 90 110130150
1.25
1.26
1.27
1.28
1.29
TEMPERATURE (°C)
OFF Threshold at C11
VBUCK (V)
1.50
1.25
1.00
0.75
0.50
0.25
0
50
100
150
200
3 LEDs
5 LEDs
7 LEDs
9 LEDs
Series
connected LEDs
8.0
7.5
7.0
6.5
6.0
-50
-25
0
25
50
75
100 125 150
UVLO (VCC) Rising
UVLO (VCC) Falling
TEMPERATURE (°C)
200.0
190.0
180.0
170.0
160.0
150.0
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
LINE VOLTAGE (VAC)
300k
250k
200k
150k
100k
50k
0
80
90
100
110
120
130
140
C11 = 2.2 nF, R3 = 348 k:
7 LEDs in Series (VO = 24.5V)
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
LM3444
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
6.6 Typical Characteristics
Figure 1. fSW vs Input Line Voltage
Figure 2. Efficiency vs Input Line Voltage
Figure 3. VCC UVLO vs Temperature
Figure 4. Minimum On-Time (tON) vs Temperature
Figure 6. Normalized Variation in fSW Over VBUCK Voltage
Figure 5. Off Threshold (C11) vs Temperature
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3444


Similar Part No. - LM3444

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444A9 NSC-LM3444A9 Datasheet
1Mb / 10P
   Edison Retrofit Evaluation Board included in this shipment converts
More results

Similar Description - LM3444

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com