Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6052873 Datasheet(PDF) 2 Page - SICK AG

Part # 6052873
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6052873 Datasheet(HTML) 2 Page - SICK AG

  6052873 Datasheet HTML 1Page - SICK AG 6052873 Datasheet HTML 2Page - SICK AG 6052873 Datasheet HTML 3Page - SICK AG 6052873 Datasheet HTML 4Page - SICK AG 6052873 Datasheet HTML 5Page - SICK AG 6052873 Datasheet HTML 6Page - SICK AG 6052873 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PRO2-P100B25A1 | Profiler™
DISPLACEMENT MEASUREMENT SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
PRO2-P100B25A1
6052873
Other models and accessories
www.sick.com/Profiler
Detailed technical data
Performance
Measuring range
100 mm, ± 25 mm
Measuring width (at measuring distance)
17 mm (75 mm)
22 mm (100 mm)
27 mm (125 mm)
Resolution
X-direction 25 µm 1) 2)
Z-direction 2 µm
Linearity
X-direction ± 1 % FS 3) 2) 4)
Z-direction ± 0.1 % FS
Accuracy
X-direction ± 5 % FS
Z-direction ± 1 % FS
Response time
5 ms 5)
Light source
Laser, red
Laser class
2 (EN 60825-1 / 21 CFR 1040.10) 6)
Typ. light spot size (distance)
0.3 mm x 32 mm
Additional function
Timer (ON-OFF delay, one shot, off), averaging 1 … 1,023, sensitivity (adjustable), Measure-
ment functions (average, peak height, bottom height, width, peak height position, bottom
height position, edge position, edge count, tilt, area, length, diameter)
1) Typical value; actual value depends on settings and environmental conditions. For details see field of view.
2) Measurement on 90 % remission (ceramic, white)
3) Constant ambient conditions.
4) FS = Full Scale = Measuring range of sensor.
5) Typical value, high-res mode.
6) Wavelength: 655 nm, max. output: 1 mW.
Interfaces
Analog output
1 x 4 mA ... 20 mA (< 300 Ω) 1)
Switching output
3 x PNP 2)
1) 24 mA for measuring out of range.
2) Maximum current output 100 mA.
3) Half-duplex (9.6 kbit/s ... 4 Mbit/s)


Similar Part No. - 6052873

ManufacturerPart #DatasheetDescription
logo
SICK AG
6052874 SICK-6052874 Datasheet
549Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - 6052873

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com