Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6651A Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6651A
Description  High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6651A Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6651A Datasheet HTML 8Page - Sipex Corporation SP6651A Datasheet HTML 9Page - Sipex Corporation SP6651A Datasheet HTML 10Page - Sipex Corporation SP6651A Datasheet HTML 11Page - Sipex Corporation SP6651A Datasheet HTML 12Page - Sipex Corporation SP6651A Datasheet HTML 13Page - Sipex Corporation SP6651A Datasheet HTML 14Page - Sipex Corporation SP6651A Datasheet HTML 15Page - Sipex Corporation SP6651A Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Date: 5/25/04
SP6651A High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 10 PIN MSOP
10-PIN MSOP
0.07
-
-
L1
L
R1
Ø
Ø1
R
1
Ø1
Seating Plane
1
E1
2
E/2
e1
e
E
D
Gauge Plane
L2
A2
A
A1
b
-
-
1.10
0.00
-
0.15
Dimensions in (mm)
10-PIN MSOP
JEDEC MO-187
(BA) Variation
0.75
0.85
0.95
0.17
-
0.27
0.08
-
0.23
3.00 BSC
4.90 BSC
3.00 BSC
0.4
0.60
0.80
0.95 REF
0.25 BSC
10
0.07
-
-
-
A
A1
A2
b
c
D
E
E1
L
L1
L2
N
R
R1
Ø
-
15º
Ø1
MIN
NOM MAX
e1
e
2.00 BSC
0.50 BSC
c
WITH PLATING
BASE METAL
(b)
Pin #1 indentifier must be indicated within this shaded area (D/2 * E1/2)
0 0
Section B-B
B
B


Similar Part No. - SP6651A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator
SP6651AER EXAR-SP6651AER Datasheet
163Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator
SP6651AER/TR EXAR-SP6651AER/TR Datasheet
163Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6651AEU SIPEX-SP6651AEU Datasheet
105Kb / 4P
   Evaluation Board Manual
logo
Exar Corporation
SP6651AEU EXAR-SP6651AEU Datasheet
163Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator
More results

Similar Description - SP6651A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6650 SIPEX-SP6650 Datasheet
256Kb / 17P
   High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
   High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
   High Efficiency 800mA Synchronous Buck Regulator
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com