Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT20-P130B0925 Datasheet(PDF) 3 Page - SICK AG

Part # DT20-P130B0925
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DT20-P130B0925 Datasheet(HTML) 3 Page - SICK AG

  DT20-P130B0925 Datasheet HTML 1Page - SICK AG DT20-P130B0925 Datasheet HTML 2Page - SICK AG DT20-P130B0925 Datasheet HTML 3Page - SICK AG DT20-P130B0925 Datasheet HTML 4Page - SICK AG DT20-P130B0925 Datasheet HTML 5Page - SICK AG DT20-P130B0925 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DT20-P130B0925 | DT20
DISPLACEMENT MEASUREMENT SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Initialization time
≤ 250 ms
Warm-up time
≤ 30 min
Housing material
Metal housing with PMMA lens
Connection type
Male connector, M12, 5-pin
Indication
2 x LED
Weight
135 g
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not fall short of or exceed VS tolerances.
3) Without load.
Ambient data
Enclosure rating
IP 65
Protection class
II
Ambient temperature
Operation: –25 °C ... +55 °C
Storage: –40 °C ... +75 °C
Temperature drift
0.25 mm/K
Vibration resistance
EN 60068-2-6 / EN 60068-2-64
Shock resistance
EN 60068-2-27
Dimensional drawing (Dimensions in mm (inch))
24.3 (0.96)
1 2
3
4
5
6
54.1 (2.13)
48.6 (1.91)
14.2
(0.56)
4.5
(0.18)
52.9 (2.08)
Ø 4
.5
(0
.1
8)
①  Status indicator operating voltage active (green)
②  Status indicator switching output (orange)
③  Optical axis, receiver
④  Optical axis, sender
⑤  Fixing hole
⑥  Male connector M12, 5-pin


Similar Part No. - DT20-P130B0925

ManufacturerPart #DatasheetDescription
logo
SICK AG
DT20-P130B0960 SICK-DT20-P130B0960 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - DT20-P130B0925

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com