Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA5L3X7S2A225K160AE Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA5L3X7S2A225K160AE
Description  Automotive Grade ( Soft Termination )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA5L3X7S2A225K160AE Datasheet(HTML) 1 Page - TDK Electronics

  CGA5L3X7S2A225K160AE Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Equivalent C3216X7S2A225K for Automotive
Automotive Grade ( Soft Termination )
CGA5(3216) [EIA CC1206]
L
3.20mm +0.4,-0.2mm
W
1.60mm +0.3,-0.2mm
T
1.60mm +0.3,-0.2mm
B
0.20mm Min.
G
1.00mm Min.
X7S (-55 to 125 degC +/-22%)
2A (100Vdc)
2.2uF
K (+/-10%)
5% Max.
227Mohm Min.
Yes
All specifications are subject to change without notice.
January 4, 2016
CGA5L3X7S2A225K160AE
TDK Item Description : CGA5L3X7S2A225KT***S
Cap. vs. Freq. Characteristic
0.1
1
10
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
20406080
100
120
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.5
1
1.5
2
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGA5L3X7S2A225K160AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA5L3X7S2A225K160AE TDK-CGA5L3X7S2A225K160AE_17 Datasheet
233Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA5L3X7S2A225K160AE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA4J3X7R2E223K125AE TDK-CGA4J3X7R2E223K125AE Datasheet
139Kb / 1P
   Automotive Grade ( Soft Termination )
CGA5H4X7R2J103M115AE TDK-CGA5H4X7R2J103M115AE Datasheet
139Kb / 1P
   Automotive Grade ( Soft Termination )
CGA6M3X7R2E224K200AE TDK-CGA6M3X7R2E224K200AE Datasheet
138Kb / 1P
   Automotive Grade ( Soft Termination )
CGA9N3X7R2E105K230KE TDK-CGA9N3X7R2E105K230KE Datasheet
139Kb / 1P
   Automotive Grade ( Soft Termination )
CGA6M3X7S2A475M200AE TDK-CGA6M3X7S2A475M200AE Datasheet
138Kb / 1P
   Automotive Grade ( Soft Termination )
CGA5L3X7R2E104M160AE TDK-CGA5L3X7R2E104M160AE Datasheet
138Kb / 1P
   Automotive Grade ( Soft Termination )
CGA5L1X7R1E106K160AE TDK-CGA5L1X7R1E106K160AE Datasheet
138Kb / 1P
   Automotive Grade ( Soft Termination )
CGA5K4X7R2J223K130AE TDK-CGA5K4X7R2J223K130AE Datasheet
139Kb / 1P
   Automotive Grade ( Soft Termination )
CGA5L2X7R2A474K160AE TDK-CGA5L2X7R2A474K160AE Datasheet
138Kb / 1P
   Automotive Grade ( Soft Termination )
CGA5L4X7R2J333M160AE TDK-CGA5L4X7R2J333M160AE Datasheet
247Kb / 1P
   Automotive Grade ( Soft Termination )
CGA5L3X7R1H105K160AE TDK-CGA5L3X7R1H105K160AE Datasheet
139Kb / 1P
   Automotive Grade ( Soft Termination )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com