Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6645 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6645
Description  Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6645 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6645 Datasheet HTML 2Page - Sipex Corporation SP6645 Datasheet HTML 3Page - Sipex Corporation SP6645 Datasheet HTML 4Page - Sipex Corporation SP6645 Datasheet HTML 5Page - Sipex Corporation SP6645 Datasheet HTML 6Page - Sipex Corporation SP6645 Datasheet HTML 7Page - Sipex Corporation SP6645 Datasheet HTML 8Page - Sipex Corporation SP6645 Datasheet HTML 9Page - Sipex Corporation SP6645 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Figure 17. SP6644/6201 DC/DC LDO Combination
Efficiency vs. Output Current (Vout=3.3V), Rlim=2.5k,
Li=22
µH Sumida CD-43, Refer to Figure 30
Figure 18. SP6644/6201 LDO Line/Load Rejection vs.
Output Current (Vout=3.3V), Rlim=2.5k, Li=22
µH
Sumida CD-43, Refer to Figure 30
Figure 19. SP6644/6201 DC/DC LDO Maximum Load
Current vs. Vbatt (Vout=3.3V), Rlim=2.5k, Li=22
µH
Sumida CD-43, Refer to Figure 30
Figure 20. SP6644/6201 DC/DC LDO No-Load Ibatt vs.
Vbatt (Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-
43, Refer to Figure 30
Figure 21. SP6644/6201 DC/DC LDO Output Ripple
Voltage (Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-
43, Refer to Figure 30
Figure 22. Load Transient Response, Vbatt=1.3V,
(Vout=3.3V), Rlim=2.5k, Li=22
µH Sumida CD-43
Figure 23. Line Transient Response, (Vout=3.3V),
Rlim=2.5k, Iload=22
µH Sumida CD-43
Figure 24. Switching Waveforms, (Vout=3.3V),
Vbatt=1.3V, Rlim=2.5k, Iload=10mA, Li=22
µH Sumida
CD-43
Refer to the circuit in
Figure 28, T
AMB = +25
oC unless otherwise noted.
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vb=1.0V
Vb=1.3V
Vb=2.0V
Vb=2.6V
Vb=3.2V
3.032
3.033
3.034
3.035
3.036
3.037
020 40
6080 100 120 140 160 180 200
Iload (mA)
Vb=1.3V
Vb=2.6V
0
20
40
60
80
100
120
140
160
180
200
220
240
0.0
1.0
2.0
3.0
4.0
Vbatt (V)
10
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Vbatt (V)
SP6201 Out
10mV/div
SP6644 Out
20mV/div
Li
0.5A/div
V
OUT
50mV/div
V
BATT
50mV/div
V
OUT
50mV/div
V
BATT
1V/div
Li
0.2A/div
V
OUT, VLX,VBATT
1V/div
PERFORMANCE CHARACTERISTICS


Similar Part No. - SP6645

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6645 SIPEX-SP6645 Datasheet
145Kb / 5P
   Evaluation Board Manual
SP6645 SIPEX-SP6645 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6645 SIPEX-SP6645 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6645 EXAR-SP6645 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency
logo
Sipex Corporation
SP6645EU SIPEX-SP6645EU Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
More results

Similar Description - SP6645

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644EU-L SIPEX-SP6644EU-L Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644_05 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
   High Efficiency Boost DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
   HM1531 High Efficiency DC-DC Boost Regulator
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com