Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5KP70A-G Datasheet(PDF) 3 Page - Comchip Technology

Part # A5KP70A-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A5KP70A-G Datasheet(HTML) 3 Page - Comchip Technology

  A5KP70A-G Datasheet HTML 1Page - Comchip Technology A5KP70A-G Datasheet HTML 2Page - Comchip Technology A5KP70A-G Datasheet HTML 3Page - Comchip Technology A5KP70A-G Datasheet HTML 4Page - Comchip Technology A5KP70A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5000W Transient Voltage Suppressor
Page 3
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Electrical Characteristics (A5KP-G Series)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking Code
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Min.
IT
Max.
1) Suffix A denotes 5% tolerance devices.
Note:
2)
.
Add suffix “C” or “CA” after part number to specify Bi-directional devices
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
5KP5.0A
5KP6.0A
5KP6.5A
5KP7.0A
5KP5.0CA
5KP6.0CA
5KP6.5CA
5KP7.0CA
5KP7.5A
5KP8.0A
5KP8.5A
5KP9.0A
5KP7.5CA
5KP8.0CA
5KP8.5CA
5KP9.0CA
5KP10A
5KP11A
5KP12A
5KP13A
5KP10CA
5KP11CA
5KP12CA
5KP13CA
5KP14A
5KP15A
5KP16A
5KP17A
5KP14CA
5KP15CA
5KP16CA
5KP17CA
5KP26A
5KP28A
5KP24A
5KP24CA
5KP26CA
5KP28CA
5KP30A
5KP30CA
5KP33A
5KP36A
5KP40A
5KP43A
5KP33CA
5KP36CA
5KP40CA
5KP43CA
5KP75CA
5KP45A
5KP45CA
5KP48A
5KP51A
5KP54A
5KP48CA
5KP51CA
5KP54CA
5KP58A
5KP58CA
5KP60CA
5KP64CA
5KP70CA
5KP60A
5KP64A
5KP70A
5KP75A
5KP78CA
5KP85CA
5KP78A
5KP85A
5KP18A
5KP20A
5KP22A
5KP18CA
5KP20CA
5KP22CA
5KP19A
5KP19CA
5KP80CA
5KP80A
5000
5000
2000
1000
250
150
50
20
15
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
543.48
485.44
446.43
416.67
387.60
367.65
347.22
324.68
294.12
274.73
251.26
232.56
215.52
204.92
192.31
181.16
118.76
110.13
128.53
103.31
93.81
86.06
77.52
72.05
68.78
64.60
60.68
57.41
41.32
53.42
51.65
48.54
44.25
39.68
36.50
171.23
154.32
140.85
162.44
38.58
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
42.1
45.4
38.9
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
121.0
93.6
96.8
103.0
113.0
126.0
137.0
29.2
32.4
35.5
30.8
129.6
5.0
6.0
7.0
7.0
8.0
8.0
9.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
26.0
28.0
24.0
30.0
33.0
36.0
40.0
43.0
75.0
45.0
48.0
51.0
54.0
58.0
60.0
64.0
70.0
78.0
85.0
18.0
20.0
22.0
19.0
80.0
50
50
50
50
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
6.40
7.00
6.67
7.37
7.22
7.98
7.78
8.60
8.33
9.21
8.89
9.83
9.44
10.40
10.00
11.10
11.10
12.30
12.20
13.50
13.30
14.70
14.40
15.90
15.60
17.20
16.70
18.50
17.80
19.70
18.90
20.90
28.90
31.90
31.10
34.40
26.70
29.50
33.30
36.80
36.70
40.60
40.00
44.20
44.40
49.10
47.80
52.80
83.30
92.10
50.00
55.30
53.30
58.90
56.70
62.70
60.00
66.30
64.40
71.20
66.70
73.70
71.10
78.60
77.80
86.00
86.70
95.80
94.40
104.00
20.00
22.10
22.20
24.50
24.40
26.90
21.10
23.30
88.80
97.60
A5KP5.0(C)A-G
A5KP6.0
A-G
(C)
A5KP6.5
A-G
(C)
A5KP7.0
A-G
(C)
A5KP7.5
A-G
(C)
A5KP8.0
A-G
(C)
A5KP8.5
A-G
(C)
A5KP9.0
A-G
(C)
A5KP10
A-G
(C)
A5KP11
A-G
(C)
A5KP12
A-G
(C)
A5KP13
A-G
(C)
A5KP14
A-G
(C)
A5KP15
A-G
(C)
A5KP16
A-G
(C)
A5KP17
A-G
(C)
A5KP26
A-G
(C)
A5KP28
A-G
(C)
A5KP24
A-G
(C)
A5KP30
A-G
(C)
A5KP33
A-G
(C)
A5KP36
A-G
(C)
A5KP40
A-G
(C)
A5KP43
A-G
(C)
A5KP75
A-G
(C)
A5KP45
A-G
(C)
A5KP48
A-G
(C)
A5KP51
A-G
(C)
A5KP54
A-G
(C)
A5KP58
A-G
(C)
A5KP60
A-G
(C)
A5KP64
A-G
(C)
A5KP70
A-G
(C)
A5KP78
A-G
(C)
A5KP85
A-G
(C)
A5KP18
A-G
(C)
A5KP20
A-G
(C)
A5KP22
A-G
(C)
A5KP19
A-G
(C)
A5KP80
A-G
(C)
AQW-BTV06
REV:B


Similar Description - A5KP70A-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com