Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2007-3 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MC2007-3
Description  3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2007-3 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MC2007-3 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
02007-DSH-002-E
Mindspeed Technologies
®
ii
Mindspeed Proprietary and Confidential
Ordering Information
Part Number
Package
Operating Temperature
MC2007-XX
Waffle pack
–40 °C to 85 °C
MC2007-XX
Expanded whole wafer on a ring
–40 °C to 85 °C
MC2007-EVM
MC2007 evaluation board with MC2045 post amp
–40 °C to 85 °C
Revision History
Revision
Level
Date
Description
E
Preliminary
November 2007
Correct PinK absolute maximum information. Update format.
D
Preliminary
June 2006
Updated format.
Updated Absolute Maximum Ratings.
Added TIA Use with Externally Biased Detectors section.
C
Preliminary
June 2004
Added Note 7 to Table 2-4.
B
Preliminary
June 2003
Added externally biases diode maximum to Absolute Maximum Ratings table.
A
Preliminary
December 2000
Initial Release.
Typical Eye Diagram
Eye diagram for 155 Mbps at 3
µA
PP input signal
Pad Configuration
Die size
1010 x 960 µm


Similar Part No. - MC2007-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2007-3 ETC2-MC2007-3 Datasheet
301Kb / 18P
   Passive Optical Networks
More results

Similar Description - MC2007-3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02007-BRF-001-A MA-COM-02007-BRF-001-A Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
MC2007 MA-COM-MC2007 Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02006 MA-COM-M02006 Datasheet
273Kb / 16P
   CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
logo
M/A-COM Technology Solu...
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com