Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4GBJ410-G Datasheet(PDF) 3 Page - Comchip Technology

Part # 4GBJ410-G
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

4GBJ410-G Datasheet(HTML) 3 Page - Comchip Technology

  4GBJ410-G Datasheet HTML 1Page - Comchip Technology 4GBJ410-G Datasheet HTML 2Page - Comchip Technology 4GBJ410-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Glass Passivated Bridge Rectifiers
Page 3
REV: A
QW-BBR86
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
XXX / XXXX = Product type marking code
4GBJ
XXXX
C = Compchip Logo
Marking Code
Standard Packaging
Case Type
4GBJ
20
TUBE
( pcs )
TUBE PACK
1,000
Carton
( pcs )
C
+ ~
~ _
4GBJ4005-G
4GBJ401-G
4GBJ402-G
4GBJ404-G
4GBJ406-G
4GBJ408-G
4GBJ410-G
Part Number
Marking code
4GBJ4005
4GBJ401
4GBJ402
4GBJ404
4GBJ406
4GBJ408
4GBJ410


Similar Part No. - 4GBJ410-G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
4GBJ410 SECOS-4GBJ410 Datasheet
987Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
logo
Bruckewell Technology L...
4GBJ410 BWTECH-4GBJ410 Datasheet
276Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
4GBJ410 HY-4GBJ410 Datasheet
466Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - 4GBJ410-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com