Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS627A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS627A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS627A Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS627A Datasheet HTML 1Page - Vectron International, Inc TFS627A Datasheet HTML 2Page - Vectron International, Inc TFS627A Datasheet HTML 3Page - Vectron International, Inc TFS627A Datasheet HTML 4Page - Vectron International, Inc TFS627A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 627a.doc
Version 1.2
04.02.2014
Vectron International
Filter specification
TFS 627A
2/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Filter characteristic
Construction and pin connection
(All dimensions in mm)
1
2
3
5
6
7
4
8
0,6
0,6
1
3
7
5
Date c ode
150
Test circuit
L1
SAW
L2
1, 3, 4, 5, 7, 8
2
6
1
Ground
2
Input
3
Ground
4
Ground
5
Ground
6
Output
7
Ground
8
Ground
Date code:
Year + week
E
2014
F
2015
G
2016
...
103
187
271
355
439
523
607
691
775
859
943
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
616.62618.62620.62622.62624.62626.62628.62630.62632.62634.62636.62
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
627A
E06


Similar Part No. - TFS627A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS620 VECTRON-TFS620 Datasheet
178Kb / 5P
   Filter specification
TFS622 VECTRON-TFS622 Datasheet
55Kb / 4P
   Filter Specification
TFS622A VECTRON-TFS622A Datasheet
183Kb / 5P
   Filter specification
TFS622C VECTRON-TFS622C Datasheet
135Kb / 5P
   Filter specification
TFS622D VECTRON-TFS622D Datasheet
165Kb / 5P
   Filter specification
More results

Similar Description - TFS627A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com