Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5226B-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 1N5226B-G
Description  Axial Leaded Glass Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N5226B-G Datasheet(HTML) 1 Page - Comchip Technology

  1N5226B-G Datasheet HTML 1Page - Comchip Technology 1N5226B-G Datasheet HTML 2Page - Comchip Technology 1N5226B-G Datasheet HTML 3Page - Comchip Technology 1N5226B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Axial Leaded Glass Zener Diode
Voltage: 2.4 to 75 Volts
Power: 0.5 Watts
RoHS Device
Page 1
REV: C
1N5221B-G Thru. 1N5267B-G
Parameter
Conditions
Value
Unit
Maximum Ratings (TA=25°C, unless otherwise noted)
Dimensions in inches and (millimeter)
DO-35
QW-BZ001
Features
-500mW power dissipation
-Stabilizing voltage.
Mechanical data
-Case: Glass, DO-35
-Polarity: Indicated by cathode band
0.165(4.20)Max.
1.02(26.00) Min.
0.079(2.00)Max.
0.022(0.55)Max.
1.02(26.00) Min.
Power dissipation
Junction temperature
Storage temperature range
TL=25°C
500
175
-65 to +175
mW
°C
°C
Parameter
Max
Unit
Thermal resistance (Note 1)
junction to ambient air
300
Comchip
S M D D i o d e S p e c i a l i s t
Forward voltage
IF=200mA
1.1
V
°C/W
Electrical Characteristics (TA=25°C, unless otherwise noted)
Symbol
Symbol
Conditions
Ptot
TJ
TSTG
RθJA
VF
IZ
L=4mm, TL=25°C
Zener current
mA
Ptot/VZ
Note: Based on dc-measurement at thermal equilibrium; lead length = 9.5 (3/8”); thermal resistance of heat sink =30°C/W
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.


Similar Part No. - 1N5226B-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5226B-A DIODES-1N5226B-A Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Seme LAB
1N5226B-LCC3 SEME-LAB-1N5226B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Diodes Incorporated
1N5226B-T DIODES-1N5226B-T Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
More results

Similar Description - 1N5226B-G

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GSA-152M SUNMATE-GSA-152M Datasheet
859Kb / 2P
   AXIAL LEADED GLASS TUBE
GS37-141N SUNMATE-GS37-141N Datasheet
882Kb / 2P
   AXIAL LEADED GLASS TUBE
GS41-141N SUNMATE-GS41-141N Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
   AXIAL LEADED GLASS TUBE
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
   AXIAL LEADED GLASS TUBE
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com