Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS465G Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS465G
Description  VI TELEFILTER Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS465G Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS465G Datasheet HTML 1Page - Vectron International, Inc TFS465G Datasheet HTML 2Page - Vectron International, Inc TFS465G Datasheet HTML 3Page - Vectron International, Inc TFS465G Datasheet HTML 4Page - Vectron International, Inc TFS465G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: tfs 465g.doc
Version 1.3
18.10.2007
VI TELEFILTER
Filter specification
TFS 465G
3/5
Tele Filter GmbH
Potsdamer Straße 18
D-14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
Stability characteristics, reliability
100% Screening Tests :
After the following tests the filter shall meet the whole specification. Electrical tests after test 4, test 5 and 7.
1. Internal Visual Inspection:
according to MIL-STD-883 method 2017
2. Stabilization Bake:
16 hrs at 125°C under Vacuum according to MIL-STD-883 Method 1008 Condition B
3. Temperature Cycling:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N equivalent MIL-STD-202 Method 107
4. Burn-in:
160 hrs at 125°C ( no input power ) according to MIL-STD-883 Method 1015
5. Seal test:
gross leak bubble test – Fluorocarbon liquid at 125°C ± 5°C
MIL-STD-202 Method 112 Condition D
Fine leak spot test – Helium detector according to MIL-STD-202 Method 112 Condition C
6. External Visual Inspection:
according to MIL-STD-883 method 2009
Qualification Tests :
1. Resistance to
reflow possible: three times max.;
solder heat (reflow):
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
2. Vibration:
10 Hz to 2000 Hz, 1,5 mm or max 20g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 2 – 6
3. Shock:
500g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
,
7. Radiation:
100 krad , ESCC Detail Specification No.22900
Packing
Tape & Reel:
IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min. 300 mm
reel of empty components at start including leader:
min. 500 mm
trailer:
min. 300 mm
Do
D1
P2
P1
Po
Ao
Pull Off Direction
PIN Marker
Typ
Date Code
Ko
t
Tape (all dimensions in mm)
W
: 12,00 ± 0,3
Po
:
4,00 ± 0,1
Do
:
1,50 +0,1/-0
E
:
1,75 ± 0,1
F
:
5,50 ± 0,05
G(min)
:
0,75
P2
:
2,00 ± 0,05
P1
:
8,00 ± 0,1
D1(min)
:
1,50
Ao
:
4,30 ± 0,1
Bo
:
4,30 ± 0,1
Ct
:
9,5
± 0,1
A
C
N
W 1
W 2
Reel (all dimensions in mm)
A
:330
W1
: 12,4
+2/-0
W2(max) : 18,4
N(min)
: 50
C
: 13,0
+0,5/-0,2
The minimum bending radius is 45 mm.
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS465G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS465 VECTRON-TFS465 Datasheet
70Kb / 5P
   Preliminary specification
TFS465A VECTRON-TFS465A Datasheet
73Kb / 5P
   Filter specification
TFS465A1 VECTRON-TFS465A1 Datasheet
173Kb / 5P
   Filter specification
TFS465B VECTRON-TFS465B Datasheet
68Kb / 5P
   Filter specification
TFS465C VECTRON-TFS465C Datasheet
233Kb / 5P
   Filter specification
More results

Similar Description - TFS465G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
   VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
   VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
   VI TELEFILTER Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
TFS480B VECTRON-TFS480B Datasheet
147Kb / 5P
   VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
   VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
   VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com