Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71730DCKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71730DCKR
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71730DCKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS71730DCKR Datasheet HTML 7Page - Texas Instruments TPS71730DCKR Datasheet HTML 8Page - Texas Instruments TPS71730DCKR Datasheet HTML 9Page - Texas Instruments TPS71730DCKR Datasheet HTML 10Page - Texas Instruments TPS71730DCKR Datasheet HTML 11Page - Texas Instruments TPS71730DCKR Datasheet HTML 12Page - Texas Instruments TPS71730DCKR Datasheet HTML 13Page - Texas Instruments TPS71730DCKR Datasheet HTML 14Page - Texas Instruments TPS71730DCKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
1V/div
4V/div
V
OUT
V
IN
C
= 1 F
m
OUT
C
= 10 F
m
OUT
6.5V
1V/div
6.5V
0V
V
OUT
50 s/div
m
50 ms/div
3
4
5
6
0
1
2
V
OUT
V
IN
I
= 150 mA
OUT
100
s/div
m
1 V/div
6.5 V
10 mV/div
V
IN
V
OUT
= 1 V/ s
m
dV
IN
dt
C
= 1
F
OUT
m
3.3 V
100
s/div
m
50 mV/div
40 mA/div
I
OUT
V
OUT
V
= 3.3 V
IN
150 mA
1 mA
C
= 1
F
m
OUT
300
270
240
210
180
150
120
90
60
30
0
0
10
100
C
(nF)
NR
1
I
= 10mA
C
= 1 F
OUT
OUT
m
50
45
40
35
30
25
20
15
10
5
0
0
15
25
C
( F)
OUT m
10
5
20
V
= 2.8V, C
= 10nF
V
= 1.3V, C
= 1nF
OUT
NR
OUT
NR
11
TPS717
www.ti.com
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701,) VOUT = 2.8 V.
Typical values are at TA = 25°C.
Figure 25. Total Output Noise vs Noise Reduction Capacitor
Figure 26. Total Output Noise vs Output Capacitance
Figure 27. Line Transient Response
Figure 28. Load Transient Response
Figure 29. Turn-On Response
Figure 30. Power-Up and Power-Down


Similar Part No. - TPS71730DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71730DCKR TI-TPS71730DCKR Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71730DCKR TI-TPS71730DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71730DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com