Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE85N1014 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE85N1014
Description  SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 3.7 GHz to 4.2 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1014 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE85N1014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• 3.7 to 4.2 GHz Bandwidth
• Integral Isolator for improved port matching
• Very High ENR 30 to 35 dB
• Excellent flatness +/- 0.75 dB max
• Low VSWR 1.3:1 typical
• Extremely Stable Performance
• BNC Voltage Bias and Output Female SMA connectors
• Designed to meet MIL-STD-202F environmental test
conditions
Applications
• High Noise Figure Measurements
• Built-In Test equipment for signal
strenth calibrators and radar
applications
• Automatic Test Equipment (ATE)
• Baseband Signal Simulation
• 802.11ac WiFi.
.
Description
The PE85N1014 is a coaxial packaged calibrated Noise Source with an integral Isolator which operates over the frequency
range of 3.7 GHz to 4.2 GHz. The benefit of the integrated isolator results in improved port matching for more accurate
measurements as well as protection of the noise diode from incident RF power. This design features a high output ENR of 30
to 35 dB with excellent flatness of +/- 0.75 dB max, with extremely stable performance over temperature. Ideal for applications
that require high ENR and resistance to large incident RF power that may be associated with automated test equipment (ATE),
radiometer, and radar systems. The input voltage is +28 Vdc which is internally reguated and the operational temperature
range is -20°C to +75°C. The rugged package suports a BNC connector for DC bias and an output Female SMA connector.
Additionally, the model is designed to meet a variety of demanding MIL-STD-202F environmental test conditions including
Humidity, Thermal Shock, and Vibration for added confidence for highly reliable operation.
Electrical Specifications
RF Characteristics
Description
Minimum
Typical
Maximum
Units
Frequency Range
3.7
4.2
GHz
Impedance
50
Ohms
Output ENR
30
35
dB
Flatness
±0.75
dB
VSWR
1.3:1
Bias Voltage 1
28
Volts
.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Dia.
1.25 in [31.75 mm]
Height
0.81 in [20.57 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, +28 VDC,
3.7 GHz to 4.2 GHz PE85N1014
PE85N1014 REV 1.0
SMA Calibrated, Integral Isolator Noise Source Module,
Output ENR of 30 dB, +28 VDC, 3.7 GHz to 4.2 GHz
Noise Generators Technical Data Sheet
PE85N1014


Similar Part No. - PE85N1014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1010 PASTERNACK-PE85N1010 Datasheet
693Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of 10 dBm, 15 VDC, 0.1 MHz to 500 MHz
PE85N1011 PASTERNACK-PE85N1011 Datasheet
697Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 2 GHz
PE85N1012 PASTERNACK-PE85N1012 Datasheet
698Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 3 GHz
PE85N1013 PASTERNACK-PE85N1013 Datasheet
392Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of -14 dBm, 15 VDC, 10 MHz to 6 GHz
PE85N1015 PASTERNACK-PE85N1015 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 7.2 GHz to 8.4 GHz
More results

Similar Description - PE85N1014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1015 PASTERNACK-PE85N1015 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 7.2 GHz to 8.4 GHz
PE85N1016 PASTERNACK-PE85N1016 Datasheet
408Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 10.7 GHz to 12.7 GHz
PE85N1004 PASTERNACK-PE85N1004 Datasheet
723Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1001 PASTERNACK-PE85N1001 Datasheet
731Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 30 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1005 PASTERNACK-PE85N1005 Datasheet
721Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 23 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1000 PASTERNACK-PE85N1000 Datasheet
729Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003_16 Datasheet
738Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 26 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1006 PASTERNACK-PE85N1006_16 Datasheet
717Kb / 7P
   SMA Precision Calibrated Noise Source Module, Output ENR of 14 dB, 28 VDC, 10 MHz to 18 GHz, Calibration Standard
PE85N1007 PASTERNACK-PE85N1007_16 Datasheet
719Kb / 7P
   3.5mm Precision Calibrated Noise Source Module, Output ENR of 13 dB, 28 VDC, 10 MHz to 26 GHz, Calibration Standard
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com