Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6123 Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP6123
Description  Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6123 Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP6123 Datasheet HTML 10Page - Sipex Corporation SP6123 Datasheet HTML 11Page - Sipex Corporation SP6123 Datasheet HTML 12Page - Sipex Corporation SP6123 Datasheet HTML 13Page - Sipex Corporation SP6123 Datasheet HTML 14Page - Sipex Corporation SP6123 Datasheet HTML 15Page - Sipex Corporation SP6123 Datasheet HTML 16Page - Sipex Corporation SP6123 Datasheet HTML 17Page - Sipex Corporation SP6123 Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Date: 5/25/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
Figure 5. A voltage divider connected to the VFB pin
programs the output voltage.
®
®
VFB
VOUT
SP6123
R1
R2
Overcurrent Protection
Over current protection on the SP6123 is imple-
mented through detection of an excess voltage
condition across the high side switch during
conduction. This is typically referred to as high
side RDS(ON) detection. By using the RDS(ON) of
Q1 to measure the output current, the current
limit circuit eliminates the sense resistor that
would otherwise be required and the corre-
sponding loss associated with it. This improves
the overall efficiency and reduces the number of
components in the power path benefiting size
and cost. RDS(ON) sensing is by default inaccu-
rate and is primarily meant to protect the power
supply during a fault condition. The overcurrent
trip point will vary from unit to unit as the
RDS(ON) of MOSFET varies. The SP6123 pro-
vides a built-in 200mV threshold between the
VCC and SWN pins.
The overcurrent threshold can be calculated as
IMAX =
200mV
RDS(ON)
To ensure accurate current sensing, the VCC pin
should be connected directly to the drain of the
high side MOSFET. A RC filter on the VCC pin
is not recommended because it would artifi-
cially alter the current signal and reduce the
overcurrent threshold from the value given by
the equation.
Output Voltage Program
As shown in Figure 5, the voltage divider con-
necting to the VFB pin programs the output
voltage according to
VOUT = 0.8(1 +
R1
)
R2
where 0.8V is the internal reference voltage.
Select R2 in the range of 10k to 100k, and R1 can
be calculated using
R1 = R2(VOUT – 0.8)
0.8
APPLICATIONS INFORMATION


Similar Part No. - SP6123

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
SP6123A EXAR-SP6123A Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
SP6123ACN EXAR-SP6123ACN Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
SP6123ACN/TR EXAR-SP6123ACN/TR Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
SP6123CN EXAR-SP6123CN Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
More results

Similar Description - SP6123

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
logo
Sipex Corporation
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
   High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com