Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6122 Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation SP6122 Datasheet HTML 14Page - Sipex Corporation SP6122 Datasheet HTML 15Page - Sipex Corporation SP6122 Datasheet HTML 16Page - Sipex Corporation SP6122 Datasheet HTML 17Page - Sipex Corporation SP6122 Datasheet HTML 18Page - Sipex Corporation SP6122 Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
SP6122 Non-Synchronous Buck Design Calculator
STEADY STATE CALCULATION
Enter Values
Calculation Results
Formula
VIN = Input Voltage (V)
3.3
D = Duty Cycle
0.58
= VOUT/VIN
VOUT = Output Voltage (V)
1.9
Iripple = Ripple Current (A)
1.22
= (VIN-VOUT)*VOUT/(Fs*1000*L*0.000001*VIN)
Fs = Switching Frequency (kHz)
300
Ipeak = Peak Inductor Current (A)
4.61
= IOUT+Iripple/2
IOUT = Load Current (A)
4
Output Ripple (mV)
42.75
= Iripple*ESRout
L = Inductance (µH)
2.2
Iin = Max Input Current (A)
2.56
= IOUT*D/0.9
ESRin = Input Capacitor ESR (mΩ)
5
Max Input Ripple (mV)
96.99
= IOUT*ESRin+Iin*(1-D)/(Fs*CIN*0.000001)
CIN = Input Capacitance (µF)
47
Iin_rms = Input Cap RMS Current (A)
1.98
= IOUT*SQRT(D*(1-D))
ESROUT = Output Capacitor ESR (Ω)
35
EFFICIENCY CALCULATION
Enter Values
Calculation Results
Formula
RGH = GH Impedance (Ω)4 Pic = IC Power (switching) (mW)
31.35
= Icc*VIN+Chs*VIN*Fs*0.001
PMOS
TRISE = SP6122 typ. PMOS rise time (ns) 20 Psch = Schottky Conducting Loss (mw) 848.48
= Vf*IOUT*(1-D)*1000
TFALL = SP6122 typ. PMOS rise time (ns) 40
Chs = PMOS Gate Charge @ VIN (nc)
15
Pch = PMOS Conducting Loss (mW)
202.67
= IOUT*IOUT*D*Rhs
Rhs = RDS(ON) @ VIN (mΩ)
22
Psh = PMOS Switching Loss (mW)
118.80
= 1/2*IOUT*VIN*(TRISE+TFALL)*Fs*0.001
Phs = Total PMOS Loss (mW)
321.47
= Pch + Psh
Vf = Schottky Forward Voltage
0.5
Pl = Inductor loss (mW)
192.00
= IOUT*IOUT*ESR_L
ICC = Supply Current (no switch) (mA)
5
PcIN = Input Capacitor Loss(mW)
19.54
= ESRIN*Iin_rms*Iin_rms
ESR_L = Inductor ESR (mΩ)
12
Pltot = Total Power Losses (mW)
1412.84
= Pic+Pls+Phs+Pl+Psch
Efficiency (%)
84.32
= VOUT*IOUT/(VOUT*IOUT - Pltot/1000)*100
SP6122 Design Calculator Example: Evaluation Board with 3.3VIN, 1.9VOUT
Table 2: Design Calculator
Table 2, SP6122 Design Calculator, illus-
trates the calculations and formulas con-
tained in the Sipex Non-Synchronous Buck
Cad Calculator spreadsheet, (available in
the applications section of the Sipex website
at www.sipex.com). The example shown is
the same SP6122 Evaluation Board used
previously with VIN = 3.3V, VOUT = 1.9V at
4A. As you can see, the SP6122 efficiency
at 4A output is calculated to be 84.3%.
Compare this with the Typical Performance
Characteristics curve of 84.5%, which is
very close considering the tolerances of
various components, and you see how use-
ful this easy design calculator is to evaluate
your SP6122 designs.
APPLICATION INFORMATION: Continued


Similar Part No. - SP6122

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6122 SIPEX-SP6122 Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU SIPEX-SP6122ACU Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU-15 SIPEX-SP6122ACU-15 Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU-15/TR SIPEX-SP6122ACU-15/TR Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU/TR SIPEX-SP6122ACU/TR Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6122

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6122 SIPEX-SP6122_04 Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
   Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
   Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
   High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com