Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNS-1020 Datasheet(PDF) 1 Page - Level One

Part # FNS-1020
Description  5-Port Fast Ethernet PCI Switch Card
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FNS-1020 Datasheet(HTML) 1 Page - Level One

  FNS-1020 Datasheet HTML 1Page - Level One FNS-1020 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
5-Port Fast Ethernet
PCI Switch Card
FNC-0600TXM
Product Overview
The LevelOne FNC-0600TXM is a high performance
32-bit PCI Bus SNMP Fast Ethernet adapter with 5-port
10/100Mbps Switch. The N-way ports auto-negotiate
between 10Mbps and 100Mbps, which offer 200
Mbps aggregate bandwidth. It also supports a range
of critical performance and advanced management-
related features including 802.1p priority
transmissions, TCP/IP checksum offload, IEEE802.3x
flow control and adaptive interrupts.
The switch card uses the management controller
which is a SNMP/RMON/DMI function-ready single
ASIC chip solution for use with PC server level NIC
adaptors. It is designed to function with the SOHO
systems application requirements and industrial
PCs with advanced low power processing to reduce
power consumption for power sensitive applications
and Green PCs. With Plug-and-Play function, the user
can easily install and configure the switch card with
minimum effort.
Key Features
- 32-bit PCI v2.2 Bus interface
- Store-and-Forward switching method
- Supports flow control IEEE 802.3x for full-duplex
mode and back-pressure flow control for half-duplex
mode
- Self-defines 256 bytes memory I/O or register I/O
based command and status register
- With SNMP/RMON/DMI network management
function
- Real 32-bit turbo driver is provided for maximum
performance
- Supports MDI/MDIX for each port
- Supports MAC enhancement function for
management server NIC
- Space saving design and RoHS compliant
FBR-1161
ADSL2+ Modem Router
Works Well With
1. 10/100Mbps RJ-45 Ports
FNS-1020
1-Bay Simple Network Storage
H/W Version: 2
1
Driver Supported
- Windows NT3.1, 3.5, 4.0/ 95/98/ME/2000/XP/7
- Windows for workgroups, Microsoft LAN Manager
- Novell Netware 3.x, 4.x, 5.x, ODI Driver,
- Novell Netware Client 32
- Novell Analyser, Personal Netware IBM
- LAN support program, IBM OS/2 Warp Server, IBM
OS/2 LAN Server.
- IBM TCP/IP for DOS & OS/2
- Linux and FreeBSD
- UnixWare
- FTP PC/TCP and SUN PCNFS
- SCO UNIX, SCO Open Server
- NDIS Driver
- Packet drivers (FTP PC/TCP, NCSA TCP/IP)


Similar Part No. - FNS-1020

ManufacturerPart #DatasheetDescription
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
   1-Bay Simple Network Storage
FNS-1020 LVL1-FNS-1020 Datasheet
695Kb / 3P
   8 FE PoE plus 8 FE Web Smart Switch
More results

Similar Description - FNS-1020

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-5525-I ADVANTECH-EKI-5525-I Datasheet
444Kb / 2P
   5-port Fast Ethernet ProView Switch
EKI-5525 ADVANTECH-EKI-5525_15 Datasheet
444Kb / 2P
   5-port Fast Ethernet ProView Switch
logo
Level One
IFS-0501 LVL1-IFS-0501 Datasheet
903Kb / 5P
   5-Port Industrial Fast Ethernet Switch
logo
List of Unclassifed Man...
3005F ETC2-3005F Datasheet
127Kb / 3P
   Industrial 5-port Redundant Fast Ethernet Fiber Switch
logo
Microchip Technology
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
logo
Micrel Semiconductor
KSZ8842-PMQL MICREL-KSZ8842-PMQL Datasheet
960Kb / 119P
   2-Port Ethernet Switch with PCI Interface
KSZ8842 MICREL-KSZ8842 Datasheet
171Kb / 2P
   2-Port Ethernet Switch with PCI Interface
logo
ORing Industrial Networ...
ICS-4040 ORING-ICS-4040 Datasheet
1Mb / 3P
   Industrial 4-port lite-managed PCI Ethernet switch card
logo
Renesas Technology Corp
89PES5T5 RENESAS-89PES5T5 Datasheet
385Kb / 29P
   5-Lane 5-Port PCI Express짰 Switch
June 18, 2014
logo
Level One
FSW-0811 LVL1-FSW-0811 Datasheet
354Kb / 3P
   8-Port Fast Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com