Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBR-4001 Datasheet(PDF) 1 Page - Level One

Part No. GBR-4001
Description  Multi-WAN Gigabit VPN Router, Quad WAN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GBR-4001 Datasheet(HTML) 1 Page - Level One

  GBR-4001 Datasheet HTML 1Page - Level One GBR-4001 Datasheet HTML 2Page - Level One GBR-4001 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBR-4001 Version: 1
Multi-WAN Gigabit VPN Router, Quad WAN
GBR-4001 4-WAN Gigabit Broadband Gateway/Router is a purpose-built gigabit solution designed for
medium and large-sized Internet cafés, enterprises broadband communities and schools which require
multiple connections. With the high performance network processor and the leading operating system
ReOS, GBR-4001 delivers higher performance and higher availability than most other routers.In addition to
the common features such as NAT, firewall, bandwidth management, IP/MAC binding and access control,
GBR-4001 also provides abilities of high security, high express forwarding, diagnosis and flexible
management, which is the ideal choice for high-load network. GBR-4001 offers 4 Gigabit LAN ports, which
can directly access to the Internal Gigabit backbone network, meeting the demands of high transmission
speed. 4-WAN port design offers multiple choices for ISP connections and real-time backup and load
balancing. Besides, it also supports policy-based routing of different ISPs.
Key Features
- Built-in robust firewall to protect Internet access against intruders
- QoS control for traffic prioritization and bandwidth management
- IPSec/PPTP VPN connection
- VPN pass-through for L2TP, PPTP and IPSec
- 4 WAN ports with load balancing and connection auto-failover functions
- Layer 7 (application layer) filtering based on URL and keywords
- Supports Command Line Interface (in Telnet)
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000BASE-T, Gigabit Ethernet
Memory:
DDR3 256M
Connectors and Cabling:
4 x 10/100/1000Base-T RJ-45 LAN Port
4x 10/100/1000Base-T RJ-45 WAN Port
Button:
Reset Button
www.level1.com
Page 1 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn