Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBR-4001 Datasheet(PDF) 3 Page - Level One

Part No. GBR-4001
Description  Multi-WAN Gigabit VPN Router, Quad WAN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GBR-4001 Datasheet(HTML) 3 Page - Level One

  GBR-4001 Datasheet HTML 1Page - Level One GBR-4001 Datasheet HTML 2Page - Level One GBR-4001 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Environment
Temperature (°C):
Operating: 0°C ~ 40°C
Storage: -40°C ~ 70°C
Humidity (Non-condensing):
Storage: 5% ~ 95%
Operating: 10 ~ 90%
Deployment:
19-inch rack-mountable
Physical Specifications
Dimensions (W x D x H mm):
440 *223 *43.6 mm
Weight (g):
3400g
Order Information
GBR-4001
Package Contents
GBR-4001
Power Cord
Resource CD (User Manual, QIG)
Quick Installation Guide
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 3 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn