Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBR-4001 Datasheet(PDF) 2 Page - Level One

Part # GBR-4001
Description  Multi-WAN Gigabit VPN Router, Quad WAN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GBR-4001 Datasheet(HTML) 2 Page - Level One

  GBR-4001 Datasheet HTML 1Page - Level One GBR-4001 Datasheet HTML 2Page - Level One GBR-4001 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Indicator:
Storage and Forwarding
Power:
Power Input: 100-240V AC, 50-60 Hz
Features
General:
Gigabit Access
Offer 4 Gigabit LAN ports and 4 Gigabit WAN ports; Connect to the Gigabit backbone network with full-
duplex gigabit wire speed. Meet the needs of Internet cafés and enterprises which require high-speed data
transmission.
VPN
Support various VPN functions such as IPSec and PPTP, which can be used alone or combined; Support
dynamic IP address VPN connections; Support Site-to-site VPN, remote access VPN (client-to-site); VPN
tunnels are restricted to 50, up to 30 concurrent tunnels. IPSec provides features of auto key (IKE) and
manual key, ESP/AH protocols, DES/3DES/AES encryption algorithm, MD5/SHA-1 hash algorithm, main
mode and aggressive mode, Anti-Replay and NAT Traversal.
4 WAN Ports and NAT
4 WAN ports are provided, which support mixed connections of DSL, fiber optical and Cable Modem. Under
the PPPoE mode, 3 dial modes are provided: Always On, On Demand and Manual. Support Link Quality
Monitoring (LQM); Offer management of dialing time (start time and end time), to prevent network waste
from negligence. Under the DHCP mode, MAC address modification and cloning are available.
4-WAN ports design provides 4 Internet connections; Support load balancing and real-time backup; Support
network flow distribution based on bandwidth ratio to optimize the bandwidth utilization; Support policy-
based routing of different ISPs.
Support NAPT/NAT, routing and hybrid mode, which meet the needs of complicated networks; Support port
forwarding and DMZ host for external services like HTTP, telnet and FTP, etc; Support NAT re-routing,
reverse NAT and NAT ALG: FTP, PPTP and IPSec ESP, etc.
Security:
Super abilities of defense against internal/external attacks: ARP spoofing attacks, port scanning,
DoS/DDoS attacks, Worm.Blaster, Worm.Sasser, SQL slammer, etc. Ensure the stability and security of
your router and network.
Support packet filtering based on source/destination IP address, protocols, ports, source/destination MAC
address; Support application layer filtering based on URL and keywords; Support schedule-based ACL;
Control the Internet access and protect the internal network from external attacks.
Management:
Offer user-friendly Web interface which delivers an easy-to-use platform with rich functions. Quick Wizard
will help customers to complete the initial settings in short time. Support traditional Command Line Interface
(CLI) with more functions. You can use both Web and CLI to manage the remote devices.
Support configuration backup and restore through TFTP and Web, etc. You can save the current
configuration file into your computer and import the configuration file into the UTT router.
Support SNMP interface for remote management of SNMP server. Support Syslog for remote messages
forwarding from Syslog server.
Performance
Concurrent NAT Session:
100000
Network Throughput:
200 Mbps
MAC Address Table:
8k
Data Transfer Rate:
170 Kpps
www.level1.com
Page 2 of 3


Similar Part No. - GBR-4001

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
GBRC352819-ATC2 CTMICRO-GBRC352819-ATC2 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
GBRC373528-ATC8 CTMICRO-GBRC373528-ATC8 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev 1 Oct, 2020
logo
Belden Inc.
GBRD124 BELDEN-GBRD124 Datasheet
153Kb / 2P
   Outdoor Loose Tube 24 Fibers OM1
11-09-2022
GBRD124.002100 BELDEN-GBRD124.002100 Datasheet
153Kb / 2P
   Outdoor Loose Tube 24 Fibers OM1
11-09-2022
GBRD136 BELDEN-GBRD136 Datasheet
153Kb / 2P
   Outdoor Loose Tube 36 Fibers OM1
11-09-2022
More results

Similar Description - GBR-4001

ManufacturerPart #DatasheetDescription
logo
Level One
WGR-2301 LVL1-WGR-2301 Datasheet
126Kb / 3P
   AC750 Dual Band Wireless Gigabit Router, VPN, Quad WAN
logo
Axiomtek Co., Ltd.
IFW320 AXIOMTEK-IFW320_16 Datasheet
226Kb / 2P
   Secure connection: VPN, SSL VPN, WAN connection checking
logo
Level One
WBR-6804 LVL1-WBR-6804 Datasheet
422Kb / 5P
   150Mbps Wireless Dual-WAN 3G Router
logo
Sipex Corporation
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
   WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
   WAN Multi-Mode Serial Transceiver
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
logo
Integrated Device Techn...
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
   WAN PLL
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
   WAN PLL
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
   WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
   WAN PLL
August 7, 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com