Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNC-0104FX Datasheet(PDF) 3 Page - Level One

Part # FNC-0104FX
Description  Fast Ethernet Fiber PCI Network Card, 1 x SC Multi-Mode Fiber
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FNC-0104FX Datasheet(HTML) 3 Page - Level One

  FNC-0104FX_16 Datasheet HTML 1Page - Level One FNC-0104FX_16 Datasheet HTML 2Page - Level One FNC-0104FX_16 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Approval and Compliance:
FCC Class B, CE, RoHS
Operation Systems:
Netware; Windows 2000/ XP/ Vista/ 7/ 8/ 10; OS/2 warp, IBM LAN Server; DEC Pathworks; Banyan Vines;
Lantastic/AI; SCO Unix
Diagram
Order Information
FNC-0104FX
Package Contents
FNC-0104FX
Low Profile Bracket
Quick Installation Guide
Resource CD (User Manual, Driver)
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
All mentioned brand names are registered trademarks and property of their owners.
Copyright © Digital Data Communications GmbH, Germany. All Rights Reserved.
www.level1.com
Page 3 of 3


Similar Part No. - FNC-0104FX_16

ManufacturerPart #DatasheetDescription
logo
Level One
FNC-0104FX LVL1-FNC-0104FX Datasheet
459Kb / 4P
   Compliant with IEEE802.3 standard fast ethernet 100BaseTX 2x SC (Multimode) jacks for Tx/Rx
More results

Similar Description - FNC-0104FX_16

ManufacturerPart #DatasheetDescription
logo
Level One
FNC-0103FX LVL1-FNC-0103FX_16 Datasheet
302Kb / 3P
   Fast Ethernet Fiber PCI Network Card, Multi - Mode, ST
FNC-0105 LVL1-FNC-0105 Datasheet
426Kb / 3P
   Fast Ethernet Fiber PCI Network Card
IFS-0502 LVL1-IFS-0502 Datasheet
905Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x SC Multi-Mode Fiber, 2km
GNC-0111 LVL1-GNC-0111 Datasheet
448Kb / 3P
   Gigabit Fiber PCIe Network Card, Multi-Mode, SC
FNC-0115 LVL1-FNC-0115 Datasheet
448Kb / 3P
   Fast Ethernet Fiber PCIe Network Card
IFS-0503 LVL1-IFS-0503 Datasheet
905Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x SC Single-Mode Fiber, 30km
FVM-1101 LVL1-FVM-1101 Datasheet
391Kb / 3P
   RJ45 to SC Managed Fast Ethernet Media Converter, Multi-Mode Fiber
IFS-0504 LVL1-IFS-0504 Datasheet
893Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x ST Multi-Mode Fiber, 2km
logo
Advantech Co., Ltd.
EKI-2728M ADVANTECH-EKI-2728M Datasheet
327Kb / 2P
   6G2G Multi-Mode SC Fiber Port Unmanaged Ethernet Switch
21-Nov-2017
logo
Level One
GNC-0100 LVL1-GNC-0100 Datasheet
367Kb / 3P
   Gigabit Fiber PCI Network Card, SFP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com