Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38693SD-ADJ/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693SD-ADJ/NOPB
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693SD-ADJ/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP38693SD-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP38693SD-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LP38691-ADJ LP38693-ADJ LP38691-ADJ-Q1 LP38693-ADJ-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings: LP38691-ADJ, LP38693-ADJ............. 4
6.3
ESD Ratings: LP38691-ADJ-Q1, LP38693-ADJ-Q1. 4
6.4
Recommended Operating Conditions ....................... 4
6.5
Thermal Information .................................................. 4
6.6
Electrical Characteristics........................................... 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagrams ..................................... 11
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Applications ............................................... 13
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Examples................................................... 18
10.3
WSON Mounting ................................................... 19
11
Device and Documentation Support ................. 20
11.1
Documentation Support ........................................ 20
11.2
Related Links ........................................................ 20
11.3
Community Resources.......................................... 20
11.4
Trademarks ........................................................... 20
11.5
Electrostatic Discharge Caution ............................ 20
11.6
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (October 2015) to Revision K
Page
Added Caution note to Foldback Current Limiting subsection ............................................................................................ 12
Changes from Revision I (April 2013) to Revision J
Page
Added Device Information and Pin Configuration and Functions sections, ESD Ratings table, update Thermal
Values; add Feature Description, Device Functional Modes, Application and Implementation, Power Supply
Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections; update Vin, Vout and Ven pin names to IN, OUT, and EN in text and graphics; modified
wording of Description to eliminate redundancy; added top nav icon for reference design................................................... 1
Changes from Revision H (April 2013) to Revision I
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 15
Changed layout of National Data Sheet to TI format .......................................................................................................... 19


Similar Part No. - LP38693SD-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38693SD-ADJ/NOPB TI1-LP38693SD-ADJ/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693SD-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691 TI1-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38691 TI-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
List of Unclassifed Man...
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
logo
Toshiba Semiconductor
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com