Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54060ADRCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060ADRCR
Description  Step-Down DC?밆C Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060ADRCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54060ADRCR Datasheet HTML 2Page - Texas Instruments TPS54060ADRCR Datasheet HTML 3Page - Texas Instruments TPS54060ADRCR Datasheet HTML 4Page - Texas Instruments TPS54060ADRCR Datasheet HTML 5Page - Texas Instruments TPS54060ADRCR Datasheet HTML 6Page - Texas Instruments TPS54060ADRCR Datasheet HTML 7Page - Texas Instruments TPS54060ADRCR Datasheet HTML 8Page - Texas Instruments TPS54060ADRCR Datasheet HTML 9Page - Texas Instruments TPS54060ADRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
TPS54060A
SLVSB57C – MARCH 2012 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 150°C, VIN = 3.5 to 60V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSW
Switching frequency
RT = 200 kΩ
450
581
720
kHz
Switching Frequency Range using
300
2200
kHz
CLK mode
Minimum CLK input pulse width
40
ns
RT/CLK high threshold
1.9
2.2
V
RT/CLK low threshold
0.5
0.7
V
RT/CLK falling edge to PH rising
Measured at 500 kHz with RT resistor in series
60
ns
edge delay
PLL lock in time
Measured at 500 kHz
100
μs
SLOW START AND TRACKING (SS/TR)
Charge current
VSS/TR = 0.4 V
2
μA
SS/TR-to-VSENSE matching
VSS/TR = 0.4 V
45
mV
SS/TR-to-reference crossover
98% nominal
1.0
V
SS/TR discharge current (overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
112
μA
SS/TR discharge voltage
VSENSE = 0 V
54
mV
POWER GOOD (PWRGD PIN)
VSENSE falling
92%
VSENSE rising
94%
VVSENSE
VSENSE threshold
VSENSE rising
109%
VSENSE falling
107%
Hysteresis
VSENSE falling
2%
Output high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V, 25°C
10
nA
On resistance
I(PWRGD) = 3 mA, VSENSE < 0.79 V
50
Minimum VIN for defined output
V(PWRGD) < 0.5 V, II(PWRGD) = 100
μA
0.95
1.5
V
6
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TPS54060A


Similar Part No. - TPS54060ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060ADRCR TI1-TPS54060ADRCR Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results

Similar Description - TPS54060ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com