Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53601LQDSXRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM53601LQDSXRQ1
Description  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53601LQDSXRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  LM53601LQDSXRQ1 Datasheet HTML 1Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 2Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 3Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 4Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 5Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 6Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 7Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 8Page - Texas Instruments LM53601LQDSXRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
LM53600-Q1, LM53601-Q1
www.ti.com
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
LM53600-Q1 devices have maximum recommended operating current of 650 mA.
(2)
See Package Option Addendum for tape and reel details as well as links used to order parts.
5 Device Comparison
LM53600-Q1 Devices(1)
Part Number
Output Voltage
Spread Spectrum
Package Qty (2)
LM53600AQDSXRQ1
Adjustable
No
3000
LM53600AQDSXTQ1
Adjustable
No
250
LM536003QDSXRQ1
3.3 V
No
3000
LM536003QDSXTQ1
3.3 V
No
250
LM536005QDSXRQ1
5.0 V
No
3000
LM536005QDSXTQ1
5.0 V
No
250
LM53600MQDSXRQ1
Adjustable
Yes
3000
LM53600MQDSXTQ1
Adjustable
Yes
250
LM53600NQDSXRQ1
3.3 V
Yes
3000
LM53600NQDSXTQ1
3.3 V
Yes
250
LM53600LQDSXRQ1
5.0 V
Yes
3000
LM53600LQDSXTQ1
5.0 V
Yes
250
(1)
LM53601-Q1 devices have maximum recommended operating current of 1000 mA.
(2)
See Package Option Addendum for tape and reel details as well as links used to order parts.
LM53601-Q1 Devices(1)
Part Number
Output Voltage
Spread Spectrum
Package Qty (2)
LM53601AQDSXRQ1
Adjustable
No
3000
LM53601AQDSXTQ1
Adjustable
No
250
LM536013QDSXRQ1
3.3 V
No
3000
LM536013QDSXTQ1
3.3 V
No
250
LM536015QDSXRQ1
5.0 V
No
3000
LM536015QDSXTQ1
5.0 V
No
250
LM53601MQDSXRQ1
Adjustable
Yes
3000
LM53601MQDSXTQ1
Adjustable
Yes
250
LM53601NQDSXRQ1
3.3 V
Yes
3000
LM53601NQDSXTQ1
3.3 V
Yes
250
LM53601LQDSXRQ1
5.0 V
Yes
3000
LM53601LQDSXTQ1
5.0 V
Yes
250


Similar Part No. - LM53601LQDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53601LQDSXRQ1 TI-LM53601LQDSXRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Similar Description - LM53601LQDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com