Electronic Components Datasheet Search |
|
TPS40322RHBR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS40322RHBR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 47 page TPS40322 SLUSAF8E – JULY 2011 – REVISED JANUARY 2016 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings Over operating free-air temperature range, all voltages are with respect to GND (unless otherwise noted) (1) MIN MAX UNIT VDD –0.3 22 SW1, SW2 –3 27 SW1, SW2 (< 100-ns pulse width) –5 SW1, SW2 (< 10-ns pulse width) –7.5 30 BOOT1, BOOT2 –0.3 30 Voltage V BOOT1, BOOT2 (< 10-ns pulse width) –0.5 33 BP6 –0.3 7 HDRV1, HDRV2 –2 30 BOOT1-SW1, BOOT2-SW2, HDRV1-SW1, HDRV2-SW2 –0.3 7 (differential from BOOT or HDRV to SW) All other pins –0.3 7 Operating temperature, TJ –40 145 Temperature °C Storage temperature, Tstg –55 150 (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 6.2 ESD Ratings VALUE UNIT Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V(ESD) Electrostatic discharge V Charged-device model (CDM), per JEDEC specification JESD22- ±1500 C101(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions MIN MAX UNIT VVDD Input operating voltage 3 20 V TJ Operating junction temperature –40 125 °C 6.4 Thermal Information TPS40322 THERMAL METRIC(1) RHB (VQFN) UNIT 32 PINS RθJA Junction-to-ambient thermal resistance 37.1 °C/W RθJC(top) Junction-to-case (top) thermal resistance 28.4 °C/W RθJB Junction-to-board thermal resistance 9.8 °C/W ψJT Junction-to-top characterization parameter 0.4 °C/W ψJB Junction-to-board characterization parameter 9.7 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance 2.6 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 6 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated Product Folder Links: TPS40322 |
Similar Part No. - TPS40322RHBR |
|
Similar Description - TPS40322RHBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |