Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38693SDX-ADJ Datasheet(PDF) 6 Page - Texas Instruments

Part # LP38693SDX-ADJ
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693SDX-ADJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38693SDX-ADJ Datasheet HTML 2Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 3Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 4Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 5Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 6Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 7Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 8Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 9Page - Texas Instruments LP38693SDX-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.5
1.0
1.5
COUT = 100 PF
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
VIN (DC) = 3.25V
VIN (AC) = 1V(p-p)
COUT = 10 PF
FREQUENCY (Hz)
10
100
1k
10k
100k
0.0
0.2
0.4
0.6
0.8
1.0
COUT = 10 PF
10
100
1k
10k
100k
FREQUENCY (Hz)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
COUT = 1 PF
6
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LP38691-ADJ LP38693-ADJ LP38691-ADJ-Q1 LP38693-ADJ-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, limits apply for TJ = 25°C, VIN = VOUT + 1 V, CIN = COUT = 10 µF, ILOAD = 10 mA. Minimum and
maximum limits are specified through testing, statistical correlation, or design.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VEN
Enable voltage (LP38693
Only)
Output = OFF state
Full operating temperature range
0.4
V
Output = ON state, VIN = 4 V
Full operating temperature range
1.8
Output = ON state, VIN = 6 V
Full operating temperature range
3
Output = ON state, VIN = 10 V
Full operating temperature range
4
IEN
EN pin leakage
(LP38693 only)
VEN = 0 V or 10 V, VIN = 10 V
–1
0.001
1
µA
6.7 Typical Characteristics
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, EN pin is tied to IN (LP38693-ADJ only), VOUT = 1.25 V, VIN =
VOUT 1 V, ILOAD = 10 mA.
Figure 1. Noise vs Frequency
Figure 2. Noise vs Frequency
Figure 3. Noise vs Frequency
Figure 4. Ripple Rejection


Similar Part No. - LP38693SDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693SDX-ADJ NSC-LP38693SDX-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
LP38693SDX-ADJ NSC-LP38693SDX-ADJ Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693SDX-ADJ/NOPB TI1-LP38693SDX-ADJ/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693SDX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691 TI1-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38691 TI-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
List of Unclassifed Man...
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
logo
Toshiba Semiconductor
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com