Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38691QSD-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Part # LP38691QSD-ADJ
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38691QSD-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LP38691QSD-ADJ Datasheet HTML 1Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 2Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 3Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 4Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 5Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 6Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 7Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 8Page - Texas Instruments LP38691QSD-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
www.ti.com
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
Product Folder Links: LP38691-ADJ LP38693-ADJ LP38691-ADJ-Q1 LP38693-ADJ-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Typical numbers represent the most likely parametric norm for 25°C operation.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from 1 mA to
full load.
(4)
Dropout voltage is defined as the minimum input to output differential required to maintain the output within 100 mV of nominal value.
6.6 Electrical Characteristics
Unless otherwise specified, limits apply for TJ = 25°C, VIN = VOUT + 1 V, CIN = COUT = 10 µF, ILOAD = 10 mA. Minimum and
maximum limits are specified through testing, statistical correlation, or design.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VADJ
ADJ pin voltage
VIN = 2.7 V
1.225
1.25
1.275
V
3.2 V
≤ VIN ≤ 10 V, 100 µA < IL < 0.5 A
1.25
3.2 V
≤ VIN ≤ 10 V, 100 µA < IL < 0.5 A
Full operating temperature range
1.2
1.3
ΔVOUT/ΔVIN
Output voltage line
regulation(2)
VOUT + 0.5 V ≤ VIN ≤ 10 V
IL = 25 mA
0.03
%/V
VOUT + 0.5 V ≤ VIN ≤ 10 V
IL = 25 mA
Full operating temperature range
0.1
ΔVOUT/ΔIL
Output voltage load
regulation(3)
1 mA < IL < 0.5 A
VIN = VOUT + 1 V
1.8
%/A
1 mA < IL < 0.5 A
VIN = VOUT + 1 V
Full operating temperature range
5
VDO
Dropout voltage(4)
(VOUT = 2.5 V)
IL = 0.1 A
80
mV
IL = 0.5 A
430
(VOUT = 2.5 V)
Full operating temperature
range
IL = 0.1 A
145
IL = 0.5 A
725
(VOUT = 3.3 V)
IL = 0.1 A
65
IL = 0.5 A
330
(VOUT = 3.3 V)
Full operating temperature
range
IL = 0.1 A
110
IL = 0.5 A
550
(VOUT = 5 V)
IL = 0.1 A
45
IL = 0.5 A
250
(VOUT = 5 V)
Full operating temperature
range
IL = 0.1 A
100
IL = 0.5 A
450
IQ
Quiescent current
VIN ≤ 10 V, IL =100 µA – 0.5 A
55
µA
VIN ≤ 10 V, IL =100 µA – 0.5 A
Full operating temperature range
100
VEN ≤ 0.4 V, (LP38693 Only)
0.001
1
IL(MIN)
Minimum load current
VIN – VOUT ≤ 4 V
Full operating temperature range
100
IFB
Foldback current limit
VIN – VOUT > 5 V
350
mA
VIN – VOUT < 4 V
850
PSRR
Ripple rejection
VIN = VOUT + 2 V(DC), with 1 V(p-p) /
120-Hz Ripple
55
dB
TSD
Thermal shutdown activation
(junction temp)
160
°C
TSD (HYST)
Thermal shutdown hysteresis
(junction temp)
10
IADJ
ADJ input leakage current
VADJ = 0 V to 1.5 V, VIN = 10 V
–100
0.01
100
nA
en
Output noise
BW = 10 Hz to 10 kHz
VOUT = 3.3 V
0.7
µV/
√Hz
VOUT (LEAK)
Output leakage current
VOUT = VOUT(NOM) + 1 V at 10 VIN
0.5
2
µA


Similar Part No. - LP38691QSD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691QSD-ADJ/NOPB TI1-LP38691QSD-ADJ/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38691QSD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691 TI1-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38691 TI-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
List of Unclassifed Man...
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
logo
Toshiba Semiconductor
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com