Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMG5200 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMG5200
Description  GaN Half-Bridge Power Stage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMG5200 Datasheet(HTML) 3 Page - Texas Instruments

  LMG5200 Datasheet HTML 1Page - Texas Instruments LMG5200 Datasheet HTML 2Page - Texas Instruments LMG5200 Datasheet HTML 3Page - Texas Instruments LMG5200 Datasheet HTML 4Page - Texas Instruments LMG5200 Datasheet HTML 5Page - Texas Instruments LMG5200 Datasheet HTML 6Page - Texas Instruments LMG5200 Datasheet HTML 7Page - Texas Instruments LMG5200 Datasheet HTML 8Page - Texas Instruments LMG5200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
5
4
6
7
LMG5200
8
1
3
2
9
HI
LI
SW
SW
PGND
VIN
LMG5200
www.ti.com
SNOSCY4B – MARCH 2015 – REVISED JANUARY 2016
5 Pin Configuration and Functions
MOF (QFN) PACKAGE
9 PINS
(TOP VIEW)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
7
G
Analog ground. Ground of driver device.
HB
2
P
High-side gate driver bootstrap rail.
HI
4
I
High-side gate driver control input
HS
3
P
High-side GaN FET source connection
LI
5
I
Low-side driver control input
PGND
9
G
Power ground. Low-side GaN FET source. Electrically shorted to AGND pin.
SW
8
P
Switching node. Electrically shorted to HS pin.
VCC
6
P
5-V positive gate drive supply
VIN
1
P
Input voltage pin. Electrically connected to high-side GaN FET drain.
(1)
I = Input, O = Output, G = Ground, P = Power
Copyright © 2015–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMG5200


Similar Part No. - LMG5200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
More results

Similar Description - LMG5200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
[Old version datasheet]   LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
logo
List of Unclassifed Man...
WI62120 ETC-WI62120 Datasheet
3Mb / 10P
   Half-Bridge Power GaN IC
Rev. 1.0
logo
Efficient Power Convers...
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com