Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25066PSQE Datasheet(PDF) 2 Page - Texas Instruments

Part # LM25066PSQE
Description  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066PSQE Datasheet(HTML) 2 Page - Texas Instruments

  LM25066PSQE Datasheet HTML 1Page - Texas Instruments LM25066PSQE Datasheet HTML 2Page - Texas Instruments LM25066PSQE Datasheet HTML 3Page - Texas Instruments LM25066PSQE Datasheet HTML 4Page - Texas Instruments LM25066PSQE Datasheet HTML 5Page - Texas Instruments LM25066PSQE Datasheet HTML 6Page - Texas Instruments LM25066PSQE Datasheet HTML 7Page - Texas Instruments LM25066PSQE Datasheet HTML 8Page - Texas Instruments LM25066PSQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
LM25066
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 16
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 18
2
Applications ........................................................... 1
8.5
Register Maps ........................................................ 22
3
Description ............................................................. 1
9
Application and Implementation ........................ 41
4
Revision History..................................................... 2
9.1
Application Information............................................ 41
5
Description (continued)......................................... 3
9.2
Typical Application ................................................. 41
6
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 55
7
Specifications......................................................... 5
11
Layout................................................................... 55
7.1
Absolute Maximum Ratings ...................................... 5
11.1
Layout Guidelines ................................................. 55
7.2
ESD Ratings ............................................................ 5
11.2
Layout Example .................................................... 56
7.3
Recommended Operating Conditions ....................... 5
12
Device and Documentation Support ................. 57
7.4
Thermal Information .................................................. 5
12.1
Device Support .................................................... 57
7.5
Electrical Characteristics........................................... 6
12.2
Community Resources.......................................... 57
7.6
Timing Requirements ............................................... 8
12.3
Trademarks ........................................................... 57
7.7
Switching Characteristics .......................................... 9
12.4
Electrostatic Discharge Caution ............................ 57
7.8
Typical Characteristics ............................................ 10
12.5
Glossary ................................................................ 57
8
Detailed Description ............................................ 15
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 15
Information ........................................................... 57
8.2
Functional Block Diagram ....................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (February 2013) to Revision J
Page
Added ESD Rating table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information................................................................................................................................... 1
Changes from Revision H (February 2013) to Revision I
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 40
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM25066


Similar Part No. - LM25066PSQE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results

Similar Description - LM25066PSQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com