Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25037 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM25037
Description  Dual-Mode PWM Controller With Alternating Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM25037_16 Datasheet HTML 6Page - Texas Instruments LM25037_16 Datasheet HTML 7Page - Texas Instruments LM25037_16 Datasheet HTML 8Page - Texas Instruments LM25037_16 Datasheet HTML 9Page - Texas Instruments LM25037_16 Datasheet HTML 10Page - Texas Instruments LM25037_16 Datasheet HTML 11Page - Texas Instruments LM25037_16 Datasheet HTML 12Page - Texas Instruments LM25037_16 Datasheet HTML 13Page - Texas Instruments LM25037_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LM25037, LM25037-Q1
SNVS572E – JULY 2008 – REVISED JANUARY 2016
www.ti.com
7.3 Feature Description
7.3.1 High-Voltage Start-Up Regulator
The LM25037 contains an internal high voltage, low drop-out start-up regulator that allows the input pin (VIN) to
be connected directly to the supply voltage over a range of 5.5 V to a maximum of 75 V. The regulator output at
VCC (7.7 V) is internally current limited with a specified minimum of 20 mA. When the UVLO pin potential is
greater than 0.45 V, the VCC regulator is enabled to charge an external capacitor connected to the VCC pin. The
VCC regulator provides power to the voltage reference (REF) and the gate drivers (OUTA and OUTB). When the
voltage on the VCC pin exceeds its undervoltage (VCC UV) threshold of 5-V nominal, the internal voltage
reference (REF) reaches its regulation set point of 5 V and the UVLO voltage is greater than 1.25 V, the
controller outputs are enabled. The value selected for the VCC capacitor depends on the total system design,
and its start-up characteristics. The recommended range of values for the VCC capacitor is 0.47 µF to 10 µF.
The internal power dissipation of the LM25037 can be reduced by powering VCC from an external supply. In
typical applications, an auxiliary transformer winding is connected through a diode to the VCC pin. This winding
must raise the VCC voltage above 8.2 V to shut off the internal start-up regulator. Powering VCC from an
auxiliary winding improves efficiency while reducing the controller’s power dissipation. The VCC UV circuit will
still function in this mode, requiring that VCC never falls below 5-V nominal during the start-up sequence. The
VCC regulator series pass transistor includes a diode between VCC and VIN that should not be forward biased
in normal operation. Therefore the auxiliary VCC voltage should never exceed the VIN voltage.
An external DC bias voltage can be used instead of the internal regulator by connecting the external bias voltage
to both the VCC and the VIN pins. In this particular case, the external bias must be greater than max VCC UV of
5.4 V and less than the VCC maximum operating voltage rating (14 V).
7.3.2 Line Undervoltage Detector
The LM25037 contains a dual level line Undervoltage Lock Out (UVLO) circuit. When the UVLO pin voltage is
less than 0.45 V, the controller is in a low current shutdown mode. When the UVLO pin voltage is greater than
0.45 V but less than 1.25 V, the controller is in standby mode. In standby mode the VCC and REF bias
regulators are active while the controller outputs are disabled. When the VCC and REF outputs exceed their
respective undervoltage thresholds and the UVLO pin voltage is greater than 1.25 V, the outputs are enabled
and normal operation begins. An external set-point voltage divider from VIN to GND can be used to set the
minimum operating voltage of the converter. The divider must be designed such that the voltage at the UVLO pin
will be greater than 1.25 V when VIN enters the desired operating range. UVLO hysteresis is accomplished with
an internal 22-µA current source that is switched on or off into the impedance of the set-point divider. When the
UVLO pin voltage exceeds 1.25-V threshold, the current source is activated to quickly raise the voltage at the
UVLO pin. When the UVLO pin voltage falls below the 1.25-V threshold, the current source is disabled causing
the voltage at the UVLO pin to quickly fall. The hysteresis of the 0.45-V shutdown comparator is internally fixed
at 100 mV.
The UVLO pin can also be used to implement various remote enable/disable functions. Turning off the converter
by forcing the UVLO pin to standby condition provides a controlled soft-stop. See the Soft-Start section for more
details.
7.3.3 Reference
The REF pin is the output of a 5-V linear regulator that can be used to bias an opto-coupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 10 mA (typical).
7.3.4 Error Amplifier
An internal high gain error amplifier is provided within the LM25037. The amplifier’s noninverting reference is tied
to a 1.25-V reference. In non-isolated applications the power converter output is connected to the FB pin through
the voltage setting resistors and loop compensation is connected between the COMP and FB pins. A typical
gain/phase plot is shown in Typical Characteristics.
For most isolated applications the error amplifier function is implemented on the secondary side. Because the
internal error amplifier is configured as an open-drain output, it can be disabled by connecting FB to ground. The
internal 5-K pullup resistor connected between the COMP pin and the 5-V reference can be used as the pullup
for an opto-coupler or other isolation device.
10
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: LM25037 LM25037-Q1


Similar Part No. - LM25037_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Similar Description - LM25037_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com