Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP6120 Datasheet(PDF) 1 Page - Sipex Corporation

Part No. SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo 

SP6120 Datasheet(HTML) 1 Page - Sipex Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Date: 5/25/04
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2004 Sipex Corporation
SP6120
■ Optimized for Single Supply, 3V - 5.5V Applications
■ High Efficiency: Greater Than 95% Possible
■ "AnyFETTM" Technology: Capable Of Switching Either
PFET Or NFET High Side Switch
■ Selectable Discontinuous or Continuous Conduction
Mode For Use In Battery Or Bus Applications
■ Fast Transient Response
■ 16-Pin TSSOP, Small Size
■ Accurate 1% Reference Over Line, Load and Temperature
■ Accurate 10% Frequency
■ Accurate, Rail to Rail, 43mV, Over-Current Sensing
■ Resistor Programmable Frequency
■ Resistor Programmable Output Voltage
■ Capacitor Programmable Soft Start
■ Low Quiescent Current: 950µA, 10µA in Shutdown
■ Hiccup Over-Current Protection
Low Voltage, AnyFETTM, Synchronous,Buck Controller
Ideal for 2A to 10A, High Performance, DC-DC Power Converters
APPLICATIONS
■ DSP
■ Microprocessor Core
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power
DESCRIPTION
The SP6120 is a fixed frequency, voltage mode, synchronous PWM controller designed to work
from a single 5V or 3.3V input supply. Sipex's unique "AnyFETTM"Technology allows the SP6120
to be used for resolving a multitude of price/performance trade-offs. It is separated from the PWM
controller market by being the first controller to offer precision, speed, flexibility, protection and
efficiency over a wide range of operating conditions.
®
SP6120
NC
ENABLE
ISP
ISN
VFB
COMP
SS
ROSC
BST
GH
SWN
GND
PGND
GL
VCC
PROG
®
®
NMOS High Side Drive
PROG = GND
ENABLE
CP
100pF
CZ
4.7nF
RZ
15k
CSS
0.33µF
ROSC
18.7k
CVCC
2.2µF
VIN
MBR0530
CBST
1µF
QT
3.3V
VIN
CIN
330µF x 2
RS
22.1k
CS
39nF
L1
2.5µH
1.9V
1A to 8A
VOUT
RF
5.23k
COUT
470µF x 3
RI
10k
QB
DS
SP6120
NC
ENABLE
ISP
ISN
VFB
COMP
SS
ROSC
BST
GH
SWN
GND
PGND
GL
VCC
PROG
®
®
PMOS High Side Drive
PROG = VCC
ENABLE
CP
100pF
CZ
4.7nF
RZ
15k
CSS
0.33µF
ROSC
18.7k
CVCC
2.2µF
VIN
QT1
3.3V
VIN
CIN
330µF x 2
RS
22.1k
CS
39nF
L1
2.5µH
1.9V
1A to 8A
VOUT
RF
5.23k
COUT
470µF x 3
RI
10k
QB
DS
1
2
16
15
14
13
12
11
3
4
5
6
7
8
10
9
N/C
ENABLE
ISP
ISN
VFB
COMP
SS
ROSC
BST
GH
SWN
GND
PGND
GL
VCC
PROG
SP6120
16 Pin TSSOP
QT, QB = FAIRCHILD FDS6690A
QT1 = FAIRCHILD FDS6375 (PMOS only)
L1 = PANASONIC ETQP6F2R5SFA
DS = STMICROELECTRONICS STPS2L25U
C
IN = SANYO 6TPB330M
C
OUT = SANYO 4TPB470M
FEATURES
TYPICAL APPLICATIONS CIRCUIT
Now Available in Lead Free Packaging


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120HVHigh Voltage Synchronous Buck Controller Ideal for 2A to 20A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6121Low Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6128ALow Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
RC5052High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors 1 2 3 4 5 MoreFairchild Semiconductor
RC5057High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors 1 2 3 4 5 MoreFairchild Semiconductor
LTC3713Low Input Voltage High Power No RSENSE Synchronous Buck DC/DC Controller 1 2 3 4 5 MoreLinear Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn