Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP514 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP514
Description  WAN Multi-Mode Serial Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP514 Datasheet(HTML) 3 Page - Sipex Corporation

  SP514 Datasheet HTML 1Page - Sipex Corporation SP514 Datasheet HTML 2Page - Sipex Corporation SP514 Datasheet HTML 3Page - Sipex Corporation SP514 Datasheet HTML 4Page - Sipex Corporation SP514 Datasheet HTML 5Page - Sipex Corporation SP514 Datasheet HTML 6Page - Sipex Corporation SP514 Datasheet HTML 7Page - Sipex Corporation SP514 Datasheet HTML 8Page - Sipex Corporation SP514 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Rev. 3/05/04
SP514 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
SPECIFICATIONS
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.28 RECEIVER (continued)
AC Parameters (cont.)
Max.Transmission Rate
120
230
kbps
V.10 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
+4.0
+6.0
Volts
per Figure 9
Test-Terminated Voltage
0.9V
OC
Volts
per Figure 10
Short-Circuit Current
+150
mA
per Figure 11
Power-Off Current
+100
µA
per Figure 12
AC Parameters
V
CC = +5V & TA = +25°C for AC parameters
Outputs
Transition Time
100
ns
per Figure 13; 10% to 90%
Propagation Delay
t
PHL
50
200
1000
ns
t
PLH
50
200
1000
ns
Max.Transmission Rate
120
kbps
V.10 RECEIVER
DC Parameters
Inputs
Input Current
–3.25
+3.25
mA
per Figures 14 and 15
Input Impedance
4
kΩ
Sensitivity
+0.3
Volts
AC Parameters
V
CC = +5V & TA = +25°C for AC parameters
Propagation Delay
t
PHL
50
120
250
ns
t
PLH
50
120
250
ns
Max.Transmission Rate
120
kbps
V.11 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
+6.0
Volts
per Figure 16
Test Terminated Voltage
+2.0
Volts
per Figure 17
0.5V
OC
0.67V
OC
Volts
Balance
+0.4
Volts
per Figure 17
Offset
+3.0
Volts
per Figure 17
Short-Circuit Current
+150
mA
per Figure 18
Power-Off Current
+100
µA
per Figure 19
AC Parameters
V
CC = +5V & TA = +25°C for AC parameters
Outputs
Transition Time
20
40
ns
per Figures 21 and 36; 10% to 90%
Propagation Delay
Using R
L = 100Ω and CL = 50pF;
t
PHL
50
75
95
ns
per Figures 32 and 36
t
PLH
50
75
95
ns
per Figures 32 and 36
Differential Skew
20
40
ns
per Figures 32 and 36
Max.Transmission Rate
10
Mbps
V.11 RECEIVER
DC Parameters
Inputs
Common Mode Range
–7
+7
Volts
Sensitivity
+0.3
Volts


Similar Part No. - SP514

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
   WAN Multi-Mode Serial Transceiver
SP514CF SIPEX-SP514CF Datasheet
505Kb / 20P
   WAN Multi-Mode Serial Transceiver
More results

Similar Description - SP514

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
   WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
   WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
   WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
   WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
   WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
   WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP504 EXAR-SP504 Datasheet
1Mb / 32P
   WAN Multi-Mode Serial Transceiver
logo
Sipex Corporation
SP526 SIPEX-SP526_06 Datasheet
360Kb / 24P
   WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
   WAN Multi-Mode Serial Transceiver
SP505AB SIPEX-SP505AB Datasheet
496Kb / 36P
   WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com