Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M21528-13 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part No. M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

M21528-13 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M21528-13
4
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4
1.0 Electrical Characteristics
Unless noted otherwise, specifications apply for typical recommended operating conditions shown in Table 1-2,
with AVDDO = 1.8V, AVDDI = 1.2V, CML inputs at 800 mV differential (RL = 50), PRBS 215 – 1 test pattern at 2.97
Gbps.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Note
Minimum
Typical
Maximum
Unit
AVDDI
Analog supply for input circuitry
1
-0.5
3.6
V
AVDDO0/1
Analog supply for output circuitry
1
-0.5
3.6
V
TST
Storage Temperature
1
-65
150
ºC
ESD
Human Body Model (HBM)
1
-4
4
KV
ESD
Charge Device Model (CDM)
1
-500
500
V
LU
Latch Up @ 85ºC
1
-200
200
mA
HSIC
Maximum High-speed input current
1
-100
100
mA
HSOC
Maximum High-speed output short circuit current
1
-100
100
mA
VINMAX
Input voltage range
1
-0.5
AVDDI+0.5
V
NOTES:
1.
Exposure to these conditions over extended periods of time may affect device reliability
Table 1-2.
Recommended Operating Conditions
Symbol
Parameter
Note
Minimum
Typical
Maximum
Unit
AVDDI
Analog supply for input circuitry
1.14
1.2, 1.8,
2.5, or 3.3
3.465
V
AVDDO0/1
Analog supply for output circuitry
1.71
1.8, 2.5, or
3.3
3.465
V
TCASE
Operating temperature
1
-40
25
+85
oC
ESD
Human Body Model (HBM)
-4
4
kV
NOTES:
1.
Case temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn