Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21528-13 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21528-13 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M21528-13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Ordering Information
Part Number
Package
Operating Temperature
M21528G-13
4 mm x 4 mm 24-pin QFN (RoHS compliant)
–40 °C to 85 °C
* The letter “G” designator after the part number indicates that the device is RoHS compliant. The RoHS compliant devices are backwards compatible with 225 °C
reflow profiles.
Revision History
Revision
Level
Date
Description
V4
Release
December 2015
Added footnotes to Figure 3-7.
V3
Release
May 2015
Revised Z_CTRL resistor value for 75
 output impedance in Table 3-1.
Revised Section 4.3.
Updated Marking Diagram.
Updated Figure 3-7 with new package diagram.
E (V2)
Release
March 2010
Corrected Figure 3-7 center pad dimensions.
Revised Table 1-5; DRIN min, JAO 3G, HD max.
D (V1)
Release
December 2009
Added marking diagram.
Added Eye Diagams in Section 2.0.
Revised typical and Maximum values in Table 1-3.
Revised Table 1-4.
Revised Figure 3-2 and Figure 3-3.
C (V1P)
Preliminary
May 2009
Added Note 5 to Table 1-5.
Removed Note 2 from Table 3-1 (2-state/I-Digital inputs have an internal 100K
 resistor to
AVDDI).
Revised Figure 4-3, Figure 4-4, Figure 4-5.
Added input/output circuits in Section 3.0.
B (V2A)
Advance
February 2009
Major revisions throughout document.
A (V1A)
Advance
June 2008
Initial Release.
M21528 Marking Diagram
Part Number
Lot Number
Date Country of Origin
XXXX.X
YYWWCO
52813
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
2
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4


Similar Part No. - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
More results

Similar Description - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Microchip Technology
EQCO30T5.2 MICROCHIP-EQCO30T5.2 Datasheet
377Kb / 22P
   EQCO30T5.2 3G/HD-SDI Video Cable Driver
07/14/15
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com