Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M21528-13 Datasheet(PDF) 19 Page - M/A-COM Technology Solutions, Inc.

Part No. M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

M21528-13 Datasheet(HTML) 19 Page - M/A-COM Technology Solutions, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Figure 4-4.
Supply configuration, channel0, outputs A and B used, channel 1 powered down
1.2V to 3.3V
1.8V to 3.3V
0.1uF
AVDDReg0
AVDDO0
AVDDReg1
PD1
PD0
AVDDI
1μF
1μF
AVDDO1
10 nF
10 nF
Figure 4-5.
Supply configuration, both channels used, but only A outputs used
1.2V to 3.3V
1.8V to 3.3V
0.1uF
AVDDReg0
AVDDO0
AVDDO1
AVDDReg1
PD1
PD0
AVDDI
1μF
1μF
10 nF
10 nF
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
19
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn