Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M21528-13 Datasheet(PDF) 12 Page - M/A-COM Technology Solutions, Inc.

Part No. M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

M21528-13 Datasheet(HTML) 12 Page - M/A-COM Technology Solutions, Inc.

Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Figure 3-5.
State Logic Input (PD0, PD1, XPT_CTRL, PD_MODE, EN_EQ0, EN_EQ1)
AVSS
AVDDI
AVSS
AVDDI
INPUT
AVDDI
AVSS
VREF_LOW
VREF_HIGH
2.0kΩ
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
12
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4
The M21528 is assembled in 24 pin 4 mm x 4 mm Quad Flat No-Lead (QFN) package. The exposed die paddle
serves as the IC ground (AVSS), and the primary means of thermal dissipation. This die paddle should be soldered
to the PCB ground. A cross-section of the QFN package can be found in Figure 3-6.
Figure 3-6.
QFN Package Cross Section
Mold Compound
Gold Wire
Die Attach Material
Exposed Die
Paddle
Ground Bond
Down Bond
Cu Leadframe
Solder
Plating
Ag Plating
Die


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn