Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M21528-13 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part No. M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

M21528-13 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Figure 3-3.
Single-Ended Output (SDO0A, SDO0B, SDO1A, SDO1B)
50Ω / 75Ω
Set by Z _CTRL
SDO
AVDDReg
AVSS
Figure 3-4.
Digital Input Pin (SD/xHD0, SD/xHD1)
INPUT
AVSS
2.0kΩ
AVDDI
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
11
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn