Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21528-13 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21528-13 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M21528-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4
PD_MODE
10
3-state/I-DIGITAL
Power down and cable detect control
L = Cable detect disabled, PD upon LOS disabled
F = Cable detect enabled, PD upon LOS enabled
H = Cable detect enabled, PD upon LOS disabled
EN_EQ0
3
3-state/I-DIGITAL
Input equalization control for channel 0
L = No Input Equalization on SDI0P/N
F = Medium Input Equalization on SDI0P/N
H = High Input Equalization on SDI0P/N
EN_EQ1
4
3-state/I-DIGITAL
Input equalization control for channel 1
L = No Input Equalization on SDI1P/N
F = Medium Input Equalization on SDI1P/N
H = High Input Equalization on SDI1P/N
NOTES:
1.
3-state inputs have a default of F (floating).
2.
A Z_CTRL resistance of 665
 will also provide 800mVpp output swing.
Figure 3-2.
Differential Input (SDIP, SDIN)
SDIP
AVDDI
AVSS
SDIN
AVDDI
AVSS
50Ω
50Ω
Input Buffer
with Trace
Equalizer
Table 3-1.
Pin Description (2 of 2)
Pin Name
Pin Number
Type
Description


Similar Part No. - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
More results

Similar Description - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Microchip Technology
EQCO30T5.2 MICROCHIP-EQCO30T5.2 Datasheet
377Kb / 22P
   EQCO30T5.2 3G/HD-SDI Video Cable Driver
07/14/15
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com