Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M21528-13 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part No. M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

M21528-13 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Table 1-3.
Power Consumption Specifications
Symbol
Parameter
Conditions
Note
Minimum
Typical
Maximum
Unit
PDISS
Total power consumption
AVDDI = 1.2V
AVDDO = 1.8V
Both channels active, 4 outputs on
1
78
122
mW
AVDDI = 1.2V
AVDDO = 1.8V
Both channels active, one output per channel
on
1
61
95
mW
AVDDI = 1.2V
AVDDO = 1.8V
One channel active, one output on
1
49
86
mW
I_ AVDDI
Total AVDDI supply current
AVDDI = 1.2V
1
1
3.0
mA
I_ AVDDI
Total AVDDI supply current
AVDDI = 1.8V
1
3
7.0
mA
I_ AVDDI
Total AVDDI supply current
AVDDI = 3.3V
1
10
17.0
mA
I_ AVDDO Total AVDDO supply current
Both channels active
1,2
43
68.0
mA
I_ AVDDO Total AVDDO supply current
Only channel 0 active
1,2
43
68.0
mA
I_ AVDDO0 Total AVDDO0 supply current
Only channel 1 active
1,2
27
49.0
mA
θJA
Junction to ambient Thermal
Resistance
3
63
oC/W
NOTES:
1.
Recommended operating condition—see Table 1-2.
2.
Current consumption does not change with AVDDO = 1.8V, 2.5V or 3.3V.
3.
Airflow = 0 m/s.
Table 1-4.
Digital Input Specifications
Symbol
Parameter
Note
Minimum
Typical
Maximum
Unit
VIH
Input Logic High
0.85 x AVDDI
AVDDI + 0.5
V
VIF
Input Logic Floating State
0.25 x AVDDI
0.75 x AVDDI
V
VIL
Input Logic Low
0
0.15 x AVDDI
V
IIH
Input Current—Logic High
-100
100
A
IIL
Input Current—Logic Low
-100
100
A
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn