Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02006 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M02006
Description  CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02006 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M02006 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02006 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM
's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM assumes
no responsibility for errors or omissions in these materials. MACOM may make changes to specifications and
product descriptions at any time, without notice. MACOM makes no commitment to update the information and
shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its
specifications and product descriptions.
No license, express or implied, by estoppel or otherwise, to any
intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR INCIDENTAL
DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER
INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY OR
COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE
MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM customers
using or selling MACOM products for use in such applications do so at their own risk and agree to fully indemnify
MACOM for any damages resulting from such improper use or sale.
M02006
16
CMOS Pre-amplifier with AGC for Long-reach
155 Mbps Fiber-optics Based Transmitter
Rev V4


Similar Part No. - M02006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M0200-101-4-000 ETC2-M0200-101-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-101-5-000 ETC2-M0200-101-5-000 Datasheet
147Kb / 3P
   80mm Servo Motor, 200W
M0200-102-4-000 ETC2-M0200-102-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
   60mm Servo Motor, 200W
M0200-151-4-000 ETC2-M0200-151-4-000 Datasheet
127Kb / 3P
   60mm Servo Motor, 200W
More results

Similar Description - M02006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
MC2006 MA-COM-MC2006 Datasheet
96Kb / 2P
   155 Mbps Pre-Amplifier
logo
Source Photonics, Inc.
C-13-155-T-SSC7 SOURCE-C-13-155-T-SSC7 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver (Long-Reach)
logo
M/A-COM Technology Solu...
02006-BRF-001-A MA-COM-02006-BRF-001-A Datasheet
102Kb / 2P
   155 Mbps Pre-Amplifier
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com