Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62162G Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62162G
Description  16-Mbit (512 K 횞 32) Static RAM with Error-Correcting Code (ECC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62162G Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62162G Datasheet HTML 1Page - Cypress Semiconductor CY62162G Datasheet HTML 2Page - Cypress Semiconductor CY62162G Datasheet HTML 3Page - Cypress Semiconductor CY62162G Datasheet HTML 4Page - Cypress Semiconductor CY62162G Datasheet HTML 5Page - Cypress Semiconductor CY62162G Datasheet HTML 6Page - Cypress Semiconductor CY62162G Datasheet HTML 7Page - Cypress Semiconductor CY62162G Datasheet HTML 8Page - Cypress Semiconductor CY62162G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CY62162G/CY62162GE MoBL®
Document Number: 001-81598 Rev. *C
Page 5 of 20
Pin Configurations
Figure 1. 119-ball FBGA pinout [2]
CY62162G (512 K × 32)
Figure 2. 119-ball FBGA pinout [2, 3]
CY62162GE (512 K × 32)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O12
I/O16
I/O17
I/O18
I/O19
I/O27
I/O23
I/O25
A4
A3
A1
A0
A2
I/O0
A18
A17
I/O21
NC
I/O26
I/O31
I/O29
I/O30
Bc
VSS
VSS
VDD
VDD
A8
VSS
A14
A12
VDD
CE2
A11
CE1
A16
A15
I/O1
NC
NC
Ba
I/O2
VSS
VSS
VSS
VDD
I/O4
I/O6
VSS
VDD
VDD
VSS
I/O8
A5
A7
A6
I/O15
OE
VDD
VSS
VSS
VDD
VSS
VSS
VDD
VSS
Bd
VSS
VDD
VSS
VSS
I/O5
VDD
VSS
VSS
VSS
NC
VSS
VDD
VSS
VSS
VSS
VSS
VDD
VSS
VSS
I/O10
VDD
I/O14
I/O13
A13
A10
VSS
VSS
VSS
NC
Bb
VDD
I/O3
WE
A9
I/O20
VSS
VDD
I/O22
VDD
VSS
I/O7
VDD
I/O9
I/O11
VDD
VDD
I/O24
VSS
I/O28
VSS
VDD
VDD
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O12
I/O16
I/O17
I/O18
I/O19
I/O27
I/O23
I/O25
A4
A3
A1
A0
A2
I/O0
A18
A17
I/O21
ERR
I/O26
I/O31
I/O29
I/O30
Bc
VSS
VSS
VDD
VDD
A8
VSS
A14
A12
VDD
CE2
A11
CE1
A16
A15
I/O1
NC
NC
Ba
I/O2
VSS
VSS
VSS
VDD
I/O4
I/O6
VSS
VDD
VDD
VSS
I/O8
A5
A7
A6
I/O15
OE
VDD
VSS
VSS
VDD
VSS
VSS
VDD
VSS
Bd
VSS
VDD
VSS
VSS
I/O5
VDD
VSS
VSS
VSS
NC
VSS
VDD
VSS
VSS
VSS
VSS
VDD
VSS
VSS
I/O10
VDD
I/O14
I/O13
A13
A10
VSS
VSS
VSS
NC
Bb
VDD
I/O3
WE
A9
I/O20
VSS
VDD
I/O22
VDD
VSS
I/O7
VDD
I/O9
I/O11
VDD
VDD
I/O24
VSS
I/O28
VSS
VDD
VDD
Note
2. NC pins are not connected internally to the die.
3. ERR is an Output pin. If not used, this pin should be left floating.


Similar Part No. - CY62162G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV18 CYPRESS-CY62167DV18 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV18L-55 CYPRESS-CY62167DV18L-55 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
CY62167DV18L-70 CYPRESS-CY62167DV18L-70 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
CY62167DV18LL-55 CYPRESS-CY62167DV18LL-55 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
More results

Similar Description - CY62162G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062G CYPRESS-CY7C1062G Datasheet
480Kb / 20P
   16-Mbit (512 K words 횞 32 bits) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62168G CYPRESS-CY62168G Datasheet
312Kb / 19P
   16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com