Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148GN30 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62148GN30
Description  4-Mbit (512K 횞 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148GN30 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62148GN30 Datasheet HTML 1Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 2Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 3Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 4Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 5Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 6Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 7Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 8Page - Cypress Semiconductor CY62148GN30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY62148GN MoBL®
Document Number: 001-95418 Rev. *A
Page 5 of 16
Capacitance
Parameter [8]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(Typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [8]
Description
Test Conditions
32-pin SOIC
Package
32-pin TSOP II
Package
Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
51.79
79.03
C/W
JC
Thermal resistance
(junction to case)
25.12
17.44
C/W
AC Test Loads and Waveforms
Figure 2. AC Test Loads and Waveforms [9]
3.0 V
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THEVENIN
EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameter [8]
2.5 V
3.0 V
5.0 V
Unit
R1
16667
1103
1800
R2
15385
1554
990
RTH
8000
645
639
VTH
1.20
1.75
1.77
V
Notes
8. Tested initially and after any design or process changes that may affect these parameters.
9. Full-device operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.


Similar Part No. - CY62148GN30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148G CYPRESS-CY62148G Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G-45SXI CYPRESS-CY62148G-45SXI Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G-45SXIT CYPRESS-CY62148G-45SXIT Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G-45ZSXI CYPRESS-CY62148G-45ZSXI Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G-45ZSXIT CYPRESS-CY62148G-45ZSXIT Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
More results

Similar Description - CY62148GN30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY7C1049GN CYPRESS-CY7C1049GN Datasheet
554Kb / 18P
   4-Mbit (512K words 횞 8 bit) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com