Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQP02HQ2N7B02E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQP02HQ2N7B02E
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP02HQ2N7B02E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQP02HQ2N7B02E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQP02HQ2N7B02E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQP02HQ2N7B02#
# indicates a package specification code.
< List of part numbers with package codes >
LQP02HQ2N7B02E , LQP02HQ2N7B02L , LQP02HQ2N7B02B
Shape
L size
0.4 ±0.02mm
W size
0.2 ±0.02mm
T size
0.3 ±0.02mm
Size code in inch (mm)
01005 (0402)
Specifications
Inductance
2.7nH ±0.1nH
Inductance test frequency
500MHz
Rated current (Itemp) (Based on Temperature rise)
450mA
Max. of DC resistance
0.2Ω
Q (min.)
14
Q test frequency
500MHz
Self resonance frequency (min.)
8.8GHz
Operating temperature range (Self-temperature rise is not
included)
-55∼125℃
Class of magnetic shield
No magnetic shield
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
30000
Packing in bulk
500
φ180mm Embossed taping (W8P2*)
*Width : 8mm, Pocket pitch : 2mm
15000
Mass (Typ.)
1 piece
0.00085g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/18


Similar Part No. - LQP02HQ2N7B02E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02HQ2N7C02 MURATA-LQP02HQ2N7C02 Datasheet
68Kb / 2P
   Inductor
LQP02HQ2N7C02B MURATA-LQP02HQ2N7C02B Datasheet
68Kb / 2P
   Inductor
LQP02HQ2N7C02E MURATA-LQP02HQ2N7C02E Datasheet
68Kb / 2P
   Inductor
LQP02HQ2N7C02L MURATA-LQP02HQ2N7C02L Datasheet
68Kb / 2P
   Inductor
More results

Similar Description - LQP02HQ2N7B02E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com