Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146GN Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62146GN
Description  4-Mbit (256K16) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146GN Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62146GN Datasheet HTML 1Page - Cypress Semiconductor CY62146GN Datasheet HTML 2Page - Cypress Semiconductor CY62146GN Datasheet HTML 3Page - Cypress Semiconductor CY62146GN Datasheet HTML 4Page - Cypress Semiconductor CY62146GN Datasheet HTML 5Page - Cypress Semiconductor CY62146GN Datasheet HTML 6Page - Cypress Semiconductor CY62146GN Datasheet HTML 7Page - Cypress Semiconductor CY62146GN Datasheet HTML 8Page - Cypress Semiconductor CY62146GN Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CY62146GN MoBL®
4-Mbit (256K × 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-95417 Rev. *C
Revised February 18, 2016
4-Mbit (256K × 16) Static RAM
Features
Very high speed: 45 ns
Temperature ranges
Industrial: –40 °C to +85 °C
Wide voltage range: 2.20 V to 3.60 V and 4.5 V to 5.5 V
Ultra low standby power
Typical standby current: 3.5 A
Maximum standby current: 8.7 A
Ultra low active power
Typical active current: 3.5 mA at f = 1 MHz
Automatic power down when deselected
Complementary metal oxide semiconductor (CMOS) for
optimum speed and power
Available in a 44-pin TSOP II and 48-ball VFBGA Packages
Functional Description
The CY62146GN is a high performance CMOS static RAM
organized as 256K words by 16 bits. This device features an
advanced circuit design designed to provide an ultra low active
current. Ultra low active current is ideal for providing More
Battery Life
 (MoBL®) in portable applications such as cellular
telephones. The device also has an automatic power down
feature that significantly reduces power consumption by 80
percent when addresses are not toggling.The device can also be
put into standby mode reducing power consumption by more
than 99 percent when deselected (CE HIGH). The input and
output pins (I/O0 through I/O15) are placed in a high impedance
state when the device is deselected (CE HIGH), outputs are
disabled (OE HIGH), both Byte High Enable and Byte Low
Enable are disabled (BHE, BLE HIGH), or a write operation is in
progress (CE LOW and WE LOW).
To write to the device, take Chip Enable (CE) and Write Enable
(WE) input LOW. If Byte Low Enable (BLE) is LOW, then data
from I/O pins (I/O0 through I/O7) is written into the location
specified on the address pins (A0 through A17). If Byte High
Enable (BHE) is LOW, then data from the I/O pins (I/O8 through
I/O15) is written into the location specified on the address pins
(A0 through A17).
To read from the device, take Chip Enable (CE) and Output
Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If
Byte Low Enable (BLE) is LOW, then data from the memory
location specified by the address pins appears on I/O0 to I/O7. If
Byte High Enable (BHE) is LOW, then data from memory
appears on I/O8 to I/O15. See the Truth Table on page 11 for a
complete description of read and write modes.
Logic Block Diagram
256K x 16
RAM Array
I/O0–I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
DATA IN DRIVERS
OE
A4
A3
I/O8–I/O15
CE
WE
BHE
A0
A1
A9
A10
BLE


Similar Part No. - CY62146GN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146G CYPRESS-CY62146G Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
CY62146GE CYPRESS-CY62146GE Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
CY62146GE18 CYPRESS-CY62146GE18 Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
CY62146GE30 CYPRESS-CY62146GE30 Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
CY62146GESL5 CYPRESS-CY62146GESL5 Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
More results

Similar Description - CY62146GN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041GN CYPRESS-CY7C1041GN Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62147GN CYPRESS-CY62147GN Datasheet
298Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62146G CYPRESS-CY62146G Datasheet
661Kb / 22P
   4-Mbit (256K words 횞 16 bit) Static RAM with
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com