Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146GE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62146GE
Description  4-Mbit (256K words 횞 16 bit) Static RAM with
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146GE Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62146GE Datasheet HTML 1Page - Cypress Semiconductor CY62146GE Datasheet HTML 2Page - Cypress Semiconductor CY62146GE Datasheet HTML 3Page - Cypress Semiconductor CY62146GE Datasheet HTML 4Page - Cypress Semiconductor CY62146GE Datasheet HTML 5Page - Cypress Semiconductor CY62146GE Datasheet HTML 6Page - Cypress Semiconductor CY62146GE Datasheet HTML 7Page - Cypress Semiconductor CY62146GE Datasheet HTML 8Page - Cypress Semiconductor CY62146GE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CY62146G/CY62146GE
CY62146GSL/CY62146GESL MoBL®
Document Number: 001-95420 Rev. *C
Page 5 of 22
Figure 3. 44-pin TSOP II Pinout (Single Chip Enable without ERR) – CY62146G/CY62146GSL [7]
Pin Configuration – CY62146G/CY62146GSL (continued)
44- TSOP-II
A6
A3
243
A7
A2
342
/OE
A1
441
I/O15
I/O0
738
/BLE
639
/CE
I/O13
I/O2
936
I/O12
I/O3
10
35
VSS
VCC
11
34
VCC
VSS
12
33
I/O11
I/O4
13
32
I/O10
I/O5
14
31
I/O9
I/O6
15
30
I/O8
I/O7
16
29
NC
/WE
17
28
A8
A17
18
27
A9
A16
19
26
A10
A15
20
25
A11
A14
21
24
A13
22
23
A5
A4
144
I/O14
I/O1
837
/BHE
A0
540
A12
Note
7. NC pins are not connected internally to the die and are typically used for address expansion to a higher-density device. Refer to the respective datasheets for pin
configuration.


Similar Part No. - CY62146GE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146GN CYPRESS-CY62146GN Datasheet
552Kb / 17P
   4-Mbit (256K 횞 16) Static RAM
CY62146GN30 CYPRESS-CY62146GN30 Datasheet
552Kb / 17P
   4-Mbit (256K 횞 16) Static RAM
More results

Similar Description - CY62146GE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041GN CYPRESS-CY7C1041GN Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY62147GN CYPRESS-CY62147GN Datasheet
298Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62146GN CYPRESS-CY62146GN Datasheet
552Kb / 17P
   4-Mbit (256K 횞 16) Static RAM
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061GN CYPRESS-CY7C1061GN Datasheet
1Mb / 21P
   16-Mbit (1M words 횞 16 bit) Static RAM
CY7C1061GN30 CYPRESS-CY7C1061GN30 Datasheet
412Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM
CY7S1041G CYPRESS-CY7S1041G Datasheet
664Kb / 21P
   4-Mbit (256K words 횞 16 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY7C1049GN CYPRESS-CY7C1049GN Datasheet
554Kb / 18P
   4-Mbit (512K words 횞 8 bit) Static RAM
CY7S1061G CYPRESS-CY7S1061G Datasheet
1Mb / 23P
   16-Mbit (1 M words 횞 16 bit) Static RAM with PowerSnooze??and ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com